Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSM5100LA Datasheet(PDF) 1 Page - Leshan Radio Company

Part # CSM5100LA
Description  Schottky Barrier Rectifiers Reverse Voltage 100V Forward Current 5.0A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

CSM5100LA Datasheet(HTML) 1 Page - Leshan Radio Company

  CSM5100LA Datasheet HTML 1Page - Leshan Radio Company CSM5100LA Datasheet HTML 2Page - Leshan Radio Company CSM5100LA Datasheet HTML 3Page - Leshan Radio Company CSM5100LA Datasheet HTML 4Page - Leshan Radio Company CSM5100LA Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2. DEVICE MARKING AND ORDERING INFORMATION
3. MAXIMUM RATINGS(Ta = 25ºC)
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
lead length (See fig. 1) at TC = 85°C
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
CSM5100LA
S510
7500/Tape&Reel
Unit
CSM5100LA
S-
CSM5100LA
Schottky Barrier Rectifiers
Reverse Voltage 100V Forward Current 5.0A
TJ, TSTG
℃
RθJA
VRRM
Symbol
Device
Marking
Shipping
V
Limits
100
IFSM
VRMS
℃/W
Operating junction and storage temperature range
Parameter
V
V
A
A
IF(AV)
VDC
70
100
5
120
150
–40 ~+150
Typical thermal resistance (Note 1)
RθJL
35
Leshan Radio Company, LTD.
1/4
Rev.A Apr. 2021
1
2
CSMA
2
1
CATHODE
ANODE
1. FEATURES
●
We declare that the material of product complies with RoHS
requirements and Halogen Free.
●
S- prefix for automotive and other applications requiring
unique site and control change requirements; AEC-Q101
qualified and PPAP capable.
●
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0.
●
Low power loss, high efficiency
●
For use in low voltage high frequency inverters,
free wheeling, and polarity protection applications
●
Guarding for over voltage protection
●
High temperature soldering guaranteed:
260°C/10 seconds at terminals
●
MSL:1


Similar Part No. - CSM5100LA

ManufacturerPart #DatasheetDescription
logo
Clarke International
CSM5150 CLARKE-CSM5150 Datasheet
3Mb / 12P
BOLTLESS SHELVING UNITS
GC06/18 ISS 1
CSM5150B CLARKE-CSM5150B Datasheet
3Mb / 12P
BOLTLESS SHELVING UNITS
GC06/18 ISS 1
CSM5150BP CLARKE-CSM5150BP Datasheet
3Mb / 12P
BOLTLESS SHELVING UNITS
GC06/18 ISS 1
CSM5150G CLARKE-CSM5150G Datasheet
3Mb / 12P
BOLTLESS SHELVING UNITS
GC06/18 ISS 1
CSM5150RP CLARKE-CSM5150RP Datasheet
3Mb / 12P
BOLTLESS SHELVING UNITS
GC06/18 ISS 1
More results

Similar Description - CSM5100LA

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SB580L LRC-SB580L Datasheet
199Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 80V Forward Current 5.0A
SB520 LRC-SB520 Datasheet
204Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 5.0A
SB520-E LRC-SB520-E Datasheet
208Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 5.0A
SB5150 LRC-SB5150 Datasheet
172Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 150V&200V Forward Current 5.0A
SM520A LRC-SM520A Datasheet
166Kb / 9P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520A-E LRC-SM520A-E Datasheet
300Kb / 9P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520B LRC-SM520B Datasheet
172Kb / 9P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520BF LRC-SM520BF Datasheet
302Kb / 9P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520BF-E LRC-SM520BF-E Datasheet
243Kb / 9P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
logo
First Silicon Co., Ltd
SM520AF FS-SM520AF Datasheet
159Kb / 3P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com