Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7461AARMZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADT7461AARMZ
Description  짹1째C Temperature Monitor with Series Resistance Cancellation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7461AARMZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADT7461AARMZ Datasheet HTML 9Page - Analog Devices ADT7461AARMZ Datasheet HTML 10Page - Analog Devices ADT7461AARMZ Datasheet HTML 11Page - Analog Devices ADT7461AARMZ Datasheet HTML 12Page - Analog Devices ADT7461AARMZ Datasheet HTML 13Page - Analog Devices ADT7461AARMZ Datasheet HTML 14Page - Analog Devices ADT7461AARMZ Datasheet HTML 15Page - Analog Devices ADT7461AARMZ Datasheet HTML 16Page - Analog Devices ADT7461AARMZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ADT7461A
Rev. A | Page 13 of 24
Conversion Rate Register
The conversion rate register is Address 0x04 at read and
Address 0x0A at write. The lowest four bits of this register are
used to program the conversion rate by dividing the internal
oscillator clock by 1, 2, 4, 8, 16, 32, 64, 128, 256, 512, or 1024 to
give conversion times from 15.5 ms (Code 0x0A) to 16 seconds
(Code 0x00). For example, a conversion rate of eight conversions
per second means that beginning at 125 ms intervals, the device
performs a conversion on the internal and the external temperature
channels.
The conversion rate register can be written to and read back
over the SMBus. The higher four bits of this register are unused
and must be set to 0. The default value of this register is 0x08,
giving a rate of 16 conversions per second. Use of slower con-
version times greatly reduces the device power consumption.
Table 10. Conversion Rate Register Codes
Code
Conversion/Second
Time (Seconds)
0x00
0.0625
16
0x01
0.125
8
0x02
0.25
4
0x03
0.5
2
0x04
1
1
0x05
2
500 m
0x06
4
250 m
0x07
8
125 m
0x08
16
62.5 m
0x09
32
31.25 m
0x0A
64
15.5 m
0x0B to 0xFF
Reserved
Limit Registers
The ADT7461A has eight limit registers: high, low, and THERM
temperature limits for both local and remote temperature
measurements. The remote temperature high and low limits
span two registers each, to contain an upper and lower byte for
each limit. There is also a THERM hysteresis register. All limit
registers can be written to, and read back over, the SMBus. See
Table 14 for details of the limit register addresses and their power-
on default values.
When Pin 6 is configured as an ALERT output, the high limit
registers perform a > comparison, while the low limit registers
perform a ≤ comparison. For example, if the high limit register
is programmed with 80°C, then measuring 81°C results in an
out-of-limit condition, setting a flag in the status register. If the
low limit register is programmed with 0°C, measuring 0°C or
lower results in an out-of-limit condition.
Exceeding either the local or remote THERM limit asserts
THERM low. When Pin 6 is configured as THERM2, exceeding
either the local or remote high limit asserts THERM2 low. A
default hysteresis value of 10°C is provided that applies to both
THERM channels. This hysteresis value can be reprogrammed
to any value after power-up (Register Address 0x21).
It is important to remember that the temperature limits data
format is the same as the temperature measurement data
format. Therefore, if the temperature measurement uses default
binary, then the temperature limits also use the binary scale. If
the temperature measurement scale is switched, however, the
temperature limits do not automatically switch. The user must
reprogram the limit registers to the desired value in the correct
data format. For example, if the remote low limit is set at 10°C
with the default binary scale, the limit register value is 0000 1010b.
If the scale is switched to offset binary, the value in the low tem-
perature limit register needs to be reprogrammed to 0100 1010b.
Status Register
The status register is a read-only register at Address 0x02. It
contains status information for the ADT7461A.
When Bit 7 of the status register is high, it indicates that the
ADC is busy converting. The other bits in this register flag the
out-of-limit temperature measurements (Bit 6 to Bit 3, and Bit 1
to Bit 0) and the remote sensor open circuit (Bit 2).
If Pin 6 is configured as an ALERT output, the following applies:
If the local temperature measurement exceeds its limits, Bit 6 (high
limit) or Bit 5 (low limit) of the status register asserts to flag this
condition. If the remote temperature measurement exceeds its
limits, then Bit 4 (high limit) or Bit 3 (low limit) asserts. Bit 2
asserts to flag an open circuit condition on the remote sensor.
These five flags are NOR’ed together, so if any of them is high, the
ALERT interrupt latch is set and the ALERT output goes low.
Reading the status register clears the five flags, Bit 6 to Bit 2,
provided the error conditions causing the flags to be set have
gone away. A flag bit can be reset only if the corresponding
value register contains an in-limit measurement or if the sensor
is good.
The ALERT interrupt latch is not reset by reading the status
register. It resets when the ALERT output has been serviced by
the master reading the device address, provided the error condi-
tion has gone away and the status register flag bits are reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com