Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7461AARMZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADT7461AARMZ
Description  짹1째C Temperature Monitor with Series Resistance Cancellation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7461AARMZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADT7461AARMZ Datasheet HTML 16Page - Analog Devices ADT7461AARMZ Datasheet HTML 17Page - Analog Devices ADT7461AARMZ Datasheet HTML 18Page - Analog Devices ADT7461AARMZ Datasheet HTML 19Page - Analog Devices ADT7461AARMZ Datasheet HTML 20Page - Analog Devices ADT7461AARMZ Datasheet HTML 21Page - Analog Devices ADT7461AARMZ Datasheet HTML 22Page - Analog Devices ADT7461AARMZ Datasheet HTML 23Page - Analog Devices ADT7461AARMZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ADT7461A
Rev. A | Page 21 of 24
APPLICATION CIRCUIT
Figure 24 shows a typical application circuit for the ADT7461A,
using a discrete sensor transistor connected via a shielded, twisted
pair cable. The pull-ups on SCLK, SDATA, and ALERT are
required only if they are not provided elsewhere in the system.
The SCLK pin and the SDATA pin of the ADT7461A can be
interfaced directly to the SMBus of an I/O controller, such as
the Intel® 820 chipset.
5V OR 12V
SMBUS
CONTROLLER
FAN CONTROL
CIRCUIT
2N3906
OR
CPU THERMAL
DIODE
D+
D–
VDD
SCLK
SDATA
ALERT/
THERM2
THERM
GND
ADT7461A 0.1µF
VDD
TYP 10kΩ
FAN ENABLE
3V TO 3.6V
TYP 10kΩ
SHIELD
Figure 24. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com