Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSFLK_DS Datasheet(PDF) 16 Page - NXP Semiconductors

Part # FSFLK_DS
Description  Freescale Sensor Fusion Library for Kinetis MCUs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FSFLK_DS Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button FSFLK_DS Datasheet HTML 12Page - NXP Semiconductors FSFLK_DS Datasheet HTML 13Page - NXP Semiconductors FSFLK_DS Datasheet HTML 14Page - NXP Semiconductors FSFLK_DS Datasheet HTML 15Page - NXP Semiconductors FSFLK_DS Datasheet HTML 16Page - NXP Semiconductors FSFLK_DS Datasheet HTML 17Page - NXP Semiconductors FSFLK_DS Datasheet HTML 18Page - NXP Semiconductors FSFLK_DS Datasheet HTML 19Page - NXP Semiconductors FSFLK_DS Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
Mechanical and Electrical Specifications
16
4.3 Simulation Environments
Many parameters are difficult, if not impossible, to reliably measure in a lab or production
Ambient magnetic fields vary tremendously in indoor environments. Determining filter sensitivities to
various input parameters can only be done in a simulated environment.
Accordingly, the subsequent sub-sections discuss environments that may
areas.
Pure Matlab
Matlab is commonly used in the early development of sensor fusion algorithms. It can be used to model
physical stimulus, expected responses and filter operation. See the next section for details concerning
sensor and environmental models used to construct stimulus.
Matlab Stimulus/Expected Response + Hardware
Once algorithms are functional, they are translated into C, optimized and then optimized again. The
result often makes use of fixed point arit
accurate results, a mixture of Matlab (used to generate test stimulus and expected response) and
hardware (used to run the filter) are used to determine many parameters.
Simulated values were computed with version 4.17 of the sensor fusion library. Version 4.22 should
have almost identical results. Version 5.00 is expected to have better dynamic tracking than indicated
in this datasheet, but simulations are still outstanding.
Figure 10. Mixed Simulation/Hardware Characterization
Unless stated otherwise elsewhere, parameters used to create the simulated sensors and environment
are:
• Earth magnetic field corresponding to U.S. zip code 85284 (Tempe, Arizona) on 7
as determined using the NOAA calculator at
— Declination: 10 degrees 39’ 36”
— Inclination: 59 degrees 32’ 53”
— Horizontal Intensity: 24.2976
— North Component (+N | -S): 23.8782
— East Component (+E | -W): 4.4945
— Vertical Component (+D | -U):
Mechanical and Electrical Specifications
Freescale
Sensor Fusion Library for Kinetis
Freescale
Simulation Environments
Many parameters are difficult, if not impossible, to reliably measure in a lab or production
Ambient magnetic fields vary tremendously in indoor environments. Determining filter sensitivities to
various input parameters can only be done in a simulated environment.
sections discuss environments that may be used to explore these
Matlab is commonly used in the early development of sensor fusion algorithms. It can be used to model
physical stimulus, expected responses and filter operation. See the next section for details concerning
r and environmental models used to construct stimulus.
Matlab Stimulus/Expected Response + Hardware-based Fusion
Once algorithms are functional, they are translated into C, optimized and then optimized again. The
result often makes use of fixed point arithmetic running on an MCU to compute results. To ensure bit
accurate results, a mixture of Matlab (used to generate test stimulus and expected response) and
hardware (used to run the filter) are used to determine many parameters.
ted with version 4.17 of the sensor fusion library. Version 4.22 should
have almost identical results. Version 5.00 is expected to have better dynamic tracking than indicated
in this datasheet, but simulations are still outstanding.
Mixed Simulation/Hardware Characterization
Unless stated otherwise elsewhere, parameters used to create the simulated sensors and environment
Earth magnetic field corresponding to U.S. zip code 85284 (Tempe, Arizona) on 7
as determined using the NOAA calculator at ngdc.noaa.gov/geomag-web
Declination: 10 degrees 39’ 36”
Inclination: 59 degrees 32’ 53”
24.2976 µT
23.8782 µT
4.4945 µT
U): 41.3285 µT
Sensor Fusion Library for Kinetis MCUs, Rev. 0.7, 9/2015
Freescale Semiconductor, Inc.
Many parameters are difficult, if not impossible, to reliably measure in a lab or production environment.
Ambient magnetic fields vary tremendously in indoor environments. Determining filter sensitivities to
be used to explore these
Matlab is commonly used in the early development of sensor fusion algorithms. It can be used to model
physical stimulus, expected responses and filter operation. See the next section for details concerning
Once algorithms are functional, they are translated into C, optimized and then optimized again. The
hmetic running on an MCU to compute results. To ensure bit-
accurate results, a mixture of Matlab (used to generate test stimulus and expected response) and
ted with version 4.17 of the sensor fusion library. Version 4.22 should
have almost identical results. Version 5.00 is expected to have better dynamic tracking than indicated
Unless stated otherwise elsewhere, parameters used to create the simulated sensors and environment
Earth magnetic field corresponding to U.S. zip code 85284 (Tempe, Arizona) on 7 November 2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com