Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSFLK_DS Datasheet(PDF) 13 Page - NXP Semiconductors

Part # FSFLK_DS
Description  Freescale Sensor Fusion Library for Kinetis MCUs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FSFLK_DS Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button FSFLK_DS Datasheet HTML 9Page - NXP Semiconductors FSFLK_DS Datasheet HTML 10Page - NXP Semiconductors FSFLK_DS Datasheet HTML 11Page - NXP Semiconductors FSFLK_DS Datasheet HTML 12Page - NXP Semiconductors FSFLK_DS Datasheet HTML 13Page - NXP Semiconductors FSFLK_DS Datasheet HTML 14Page - NXP Semiconductors FSFLK_DS Datasheet HTML 15Page - NXP Semiconductors FSFLK_DS Datasheet HTML 16Page - NXP Semiconductors FSFLK_DS Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
Freescale Sensor Fusion Library for Kinetis MCUs, Rev. 0.7, 9/2015
Freescale Semiconductor, Inc.
4.2 Hardware Platforms Used to Measure Performance
In the following subsections, some parametrics are measured, some represent simulated results. There
are multiple methods used to determine parametrics. These make use of hardware platforms for
benchmarking purposes, in addition to Matlab.
Kinetis Cortex M0+
This configuration is composed of a Freescale KL25Z, KL46Z or KL26Z Freedom development platform
paired with a FXS-MULT2-B Bluetooth-enabled sensor board
1. Use of Bluetooth allows the board to be
rotated freely, untethered by cords or power cables.
Table 4. Cortex M0+ Test Configuration
Component / Parameter
Value
Baseboard
FRDM-KL25Z / FRDM-KL26Z / FRDM-KL-46Z
Sensor Board
FRDM-FXS-MULT2-B
MCU
Kinetis MKL25Z128VLK4 / MKL26Z128VLH4 / MKL46Z256VMC4
CPU
ARM® Cortex M0+
CPU Clock
48 MHz
Bus Clock
24 MHz
Accelerometer
FXOS8700CQ
Magnetometer
Gyroscope
FXAS21000
Sensor Sampling Rate
200 Hz
Fusion Rate
25 Hz
Magnetic Calibration Rate
Twice per minute once full calibration is reached
This board combination is battery powered and nominally regulated to 3.3 V for use by the sensors in
question.
1
The primary difference between the FRDM-FXS-MULTI-B and FRDM-FXS-MULT2-B is that the latter includes
a production FXAS21002 gyroscope, whereas the former used FXAS21000 pre-production units. The FRDM-
FXS-MULTI-B board is no longer in production, but continues to be supported by the kit. The two boards are
similar in appearance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com