Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG2108BCPZ-R2 Datasheet(PDF) 24 Page - Analog Devices

Part # ADG2108BCPZ-R2
Description  I2C CMOS 8 횞 10 Unbuffered Analog Switch Array with Dual/Single Supplies
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG2108BCPZ-R2 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADG2108BCPZ-R2 Datasheet HTML 20Page - Analog Devices ADG2108BCPZ-R2 Datasheet HTML 21Page - Analog Devices ADG2108BCPZ-R2 Datasheet HTML 22Page - Analog Devices ADG2108BCPZ-R2 Datasheet HTML 23Page - Analog Devices ADG2108BCPZ-R2 Datasheet HTML 24Page - Analog Devices ADG2108BCPZ-R2 Datasheet HTML 25Page - Analog Devices ADG2108BCPZ-R2 Datasheet HTML 26Page - Analog Devices ADG2108BCPZ-R2 Datasheet HTML 27Page - Analog Devices ADG2108BCPZ-R2 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
ADG2108
Rev. 0 | Page 24 of 28
EVALUATION BOARD
The ADG2108 evaluation board allows designers to evaluate the
high performance ADG2108 8 × 10 switch array with a minimum
of effort.
The evaluation kit includes a populated, tested ADG2108
printed circuit board. The evaluation board interfaces to the
USB port of a PC, or it can be used as a standalone evaluation
board. Software is available with the evaluation board that
allows the user to easily program the ADG2108 through the USB
port. Schematics of the evaluation board are shown in Figure 36
and Figure 37. The software runs on any PC that has Microsoft®
Windows® 2000 or Windows XP installed.
USING THE ADG2108 EVALUATION BOARD
The ADG2108 evaluation kit is a test system designed to
simplify the evaluation of the ADG2108. Each input/output of
the part comes with a socket specifically chosen for easy
audio/video evaluation. An application note is also available
with the evaluation board that gives full information on
operating the evaluation board.
POWER SUPPLY
The ADG2108 evaluation board can be operated with both
single and dual supplies. VDD and VSS are supplied externally by
the user. The VL supply can be applied externally, or the USB
port can be used to power the digital circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com