Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG2108BCPZ-R2 Datasheet(PDF) 27 Page - Analog Devices

Part # ADG2108BCPZ-R2
Description  I2C CMOS 8 횞 10 Unbuffered Analog Switch Array with Dual/Single Supplies
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG2108BCPZ-R2 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADG2108BCPZ-R2 Datasheet HTML 20Page - Analog Devices ADG2108BCPZ-R2 Datasheet HTML 21Page - Analog Devices ADG2108BCPZ-R2 Datasheet HTML 22Page - Analog Devices ADG2108BCPZ-R2 Datasheet HTML 23Page - Analog Devices ADG2108BCPZ-R2 Datasheet HTML 24Page - Analog Devices ADG2108BCPZ-R2 Datasheet HTML 25Page - Analog Devices ADG2108BCPZ-R2 Datasheet HTML 26Page - Analog Devices ADG2108BCPZ-R2 Datasheet HTML 27Page - Analog Devices ADG2108BCPZ-R2 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
ADG2108
Rev. 0 | Page 27 of 28
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-220-VHHD-2
0.30
0.23
0.18
0.20 REF
0.80 MAX
0.65 TYP
0.05 MAX
0.02 NOM
12° MAX
1.00
0.85
0.80
SEATING
PLANE
COPLANARITY
0.08
1
32
8
9
25
24
16
17
0.50
0.40
0.30
3.50 REF
0.50
BSC
PIN 1
INDICATOR
TOP
VIEW
5.00
BSC SQ
4.75
BSC SQ
3.25
3.10 SQ
2.95
PIN 1
INDICATOR
0.60 MAX
0.60 MAX
0.25 MIN
EXPOSED
PAD
(BOTTOM VIEW)
Figure 38. 32-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
5 mm x 5 mm Body, Very Thin Quad
(CP-32-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature
Range
I2C Speed
Package Description
Package
Option
ADG2108BCPZ-R21
–40°C to +85°C
100 kHz, 400 kHz
32-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-32-2
ADG2108BCPZ-REEL71
–40°C to +85°C
100 kHz, 400 kHz
32-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-32-2
ADG2108BCPZ-HS-RL71
–40°C to +85°C
100 kHz, 400 kHz, 3.4 MHz
32-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-32-2
ADG2108YCPZ-R21
–40°C to +125°C
100 kHz, 400 kHz
32-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-32-2
ADG2108YCPZ-REEL71
–40°C to +125°C
100 kHz, 400 kHz
32-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-32-2
ADG2108YCPZ-HS-RL71
–40°C to +125°C
100 kHz, 400 kHz, 3.4 MHz
32-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-32-2
EVAL-ADG2108EB
10 x 8 Evaluation Board
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com