Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3155 Datasheet(PDF) 1 Page - Applied Micro Circuits Corporation

Part # CS3155
Description  SONET/SDH/ATM OC-48 Transceiver With CDR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS3155 Datasheet(HTML) 1 Page - Applied Micro Circuits Corporation

  CS3155 Datasheet HTML 1Page - Applied Micro Circuits Corporation CS3155 Datasheet HTML 2Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A t a Glan ce
Product Brief
S3155
SONET/SDH/ATM OC-48 Transceiver With CDR
Empowering Intelligent Optical Networks
1
PB1135_v1.01_05/09/03
Description
The S3155 SONET/SDH transceiver
chip is a fully integrated serialization/
deserialization SONET OC-48 (2.488 -
2.67 Gbps) interface device. The S3155
receives an OC-48 scrambled Non-
Return to Zero (NRZ) signal and
recovers the clock from the data. The
chip performs all necessary serial-to-
parallel and parallel-to-serial functions in
conformance with SONET/SDH
transmission standards. The device is
suitable for SONET-based WDM
applications. The figure below shows a
typical network application.
On-chip clock synthesis is performed by
the high-frequency Phase-Locked Loop
(PLL) on the S3155 transceiver chip
allowing the use of a slower external
transmit clock reference. The chip can
be used with a 155.52 or 166.63 MHz
reference clock in support of existing
system clocking schemes.
The low jitter LVPECL interface is
compliant with the bit-error rate
requirements of the Telecodia and ITU-T
standards. The S3155 is packaged in a
196 PBGA, offering designers a small
package outline.
Overview
The S3155 transceiver implements
SONET/SDH serialization/deserializa-
tion, and transmission functions. This
chip canbe usedtoimplement the front
end of SONET equipment, which con-
sists primarily of the serial transmit inter-
face and the serial receive interface. The
chip handles all the functions of these
two elements, including parallel-to-serial
and serial-to-parallel conversion, clock
generation, and system timing. The
S3155 is divided into a transmitter sec-
tion and a receiver section. The
sequence of operations is as follows:
Transmitter Operations:
1.
16-bit parallel input
2.
Parallel-to-serial conversion
3.
Serial output
Receiver Operations:
1.
Clock and data recovery from serial
input
2.
Serial-to-parallel conversion
3.
16-bit parallel output
Features
650 mW typical power
Integrated clock data recovery
On-chip high-frequency PLL
for clock generation and clock
recovery
Supports OC-48 (2.488 Gbps)
with FEC
Reference frequency of 155.52
to 166.63 MHz
RX and TX reference selectable
Interface to LVCMOS/LVTTL
logic
Internal input termination
option built-in
16-bit differential LVPECL/
LVDS data path or single-
ended LVPECL option
196 PBGA package
Diagnostic and line loopback
mode
Support serial loop timing
mode
Lock detect
Signal detect input with polarity
select
Low Jitter LVPECL/LVDS
interface
Internal FIFO to decouple
transmit clocks
Figure 1. System Block Diagram
16
16
16
16
S3155
S3155
ORX
OTX
OTX
ORX


Similar Part No. - CS3155

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
CS3157 AMCC-CS3157 Datasheet
38Kb / 2P
GPON Transceiver With CDR
More results

Similar Description - CS3155

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C955 CYPRESS-CY7C955 Datasheet
466Kb / 78P
AX??ATM-SONET/SDH Transceiver
November 29, 1999
logo
Silicon Laboratories
SI5110 SILABS-SI5110 Datasheet
415Kb / 26P
SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
Exar Corporation
XRT91L81 EXAR-XRT91L81 Datasheet
264Kb / 40P
2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
Texas Instruments
SLK2511 TI-SLK2511 Datasheet
303Kb / 21P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
logo
Cypress Semiconductor
CYS25G0101DX CYPRESS-CYS25G0101DX Datasheet
214Kb / 15P
SONET OC-48 Transceiver
logo
Applied Micro Circuits ...
CS1220 AMCC-CS1220 Datasheet
108Kb / 2P
SONET/SDH/ATM Quad OC-3/12 with Clock Data Recovery (CDR)
CS3455 AMCC-CS3455 Datasheet
89Kb / 2P
SONET/SDH/ATM OC-48 4-Bit Transceiver with CDR
logo
Silicon Laboratories
SI5017 SILABS-SI5017 Datasheet
396Kb / 26P
OC-48/STM-16 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
SI5100 SILABS-SI5100 Datasheet
495Kb / 40P
SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
Cypress Semiconductor
CYS25G0101DX CYPRESS-CYS25G0101DX_10 Datasheet
564Kb / 18P
SONET OC-48 Transceiver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com