Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3157 Datasheet(PDF) 2 Page - Applied Micro Circuits Corporation

Part # CS3157
Description  GPON Transceiver With CDR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS3157 Datasheet(HTML) 2 Page - Applied Micro Circuits Corporation

  CS3157 Datasheet HTML 1Page - Applied Micro Circuits Corporation CS3157 Datasheet HTML 2Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AMCC reserves the right to make changes to its products, or
to discontinue any product or service without notice, and
advises its customers to obtain the latest version of relevant
information to verify, before placing orders, that the
information being relied upon is current.
AMCC is a registered trademark of Applied Micro Circuits
Corporation. Copyright © 2005 Applied Micro Circuits
Corporation. All Rights Reserved.
Product Brief
S3157
GPON Transceiver With CDR
PB2023_v1.00_08/25/05
2
Empowering Intelligent Optical Networks
Confidential and Proprietary
6290 Sequence Drive • San Diego, CA 92121 • Tel: 858 450-9333 • Fax: 858 450-9885 • http://www.amcc.com
Distribute only on a need-to-know basis, and subject to applicable NDA. Not to be disclosed to or used by any other person without prior authorization.
AMCC Suggested Interface Device
AMCC S2060
Gigabit Ethernet Transceiver
Dual 1.2 V and 3.3 V/2.5V sup-
ply
Complies with ITU-T specifica-
tions
Built-in self test
Applications
GPOS-based transmission
systems
GPON ONU (Optical Network
Unit)
GPON OLT (Optical Line Ter-
mination)
GPON test equipment
Figure 2. S3157 Ordering Information
Prefix
Package
Device
S – Integrated Circuit
3157
PB - 196 PBGA
X
XXXX
XX
Prefix
Device
Package



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com