Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3157 Datasheet(PDF) 1 Page - Applied Micro Circuits Corporation

Part # CS3157
Description  GPON Transceiver With CDR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS3157 Datasheet(HTML) 1 Page - Applied Micro Circuits Corporation

  CS3157 Datasheet HTML 1Page - Applied Micro Circuits Corporation CS3157 Datasheet HTML 2Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
At a G l a n c e
Product Brief
S3157
GPON Transceiver With CDR
Empowering Intelligent Optical Networks
1
PB2023_v1.00_08/25/05
Description
The S3157 GPON transceiver chip is a
fully integrated serialization/
deserialization GPON OC-48/24/12
transceiver interface device. The S3157
receives an OC-48/24/12 Non-Return to
Zero (NRZ) signal and recovers the
clock from the data. The chip performs
all necessary serial-to-parallel and
parallel-to-serial functions in
conformance with GPON transmission
standards. The device is suitable for
GPON-based applications. The figure
below shows a typical network
application.
On-chip clock synthesis is performed by
the high-frequency Phase-Locked Loop
(PLL) on the S3157 transceiver chip
allowing the use of a slower external
transmit clock reference. The chip can
be used with a 155.52 or 166.63 MHz
reference clock in support of existing
system clocking schemes.
The low jitter LVPECL interface is
compliant with the bit-error rate
requirements of the ITU-T standards.
The S3157 is packaged in a 196 PBGA,
offering designers a small package
outline.
Overview
The S3157 transceiver implements
GPON serialization/deserialization, and
transmission functions. This chip can be
used to implement the front end of
GPON equipment, which consists
primarily of the serial transmit interface
and the serial receive interface. The chip
handles all the functions of these two
elements, including parallel-to-serial and
serial-to-parallel conversion, clock
generation, and system timing. The
S3157 is divided into a transmitter
section and a receiver section. The
sequence of operations is as follows:
Transmitter Operations:
1.
16-bit parallel input
2.
Parallel-to-serial conversion
3.
Serial output
Receiver Operations:
1.
Clock and data recovery from serial
input
2.
Serial-to-parallel conversion
3.
16-bit parallel output
Due to the asynchronous nature of the
GPON, the FPGA that connects to the
S3157 has to accommodate for the 1/2
upstream data rate.
Features
650 mW typical power
Integrated clock data recovery
On-chip high-frequency PLL
for clock generation and clock
recovery
Supports OC-48/24/12 rates
Reference frequency of 155.52
to 166.63 MHz
RX and TX reference selectable
Interface to LVCMOS/LVTTL
logic
Internal input termination
option built-in
16-bit differential LVPECL/
LVDS data path or single-
ended LVPECL option
196 PBGA package
Diagnostic and line loopback
mode
Support serial loop timing
mode
Lock detect
Signal detect input with polarity
select
Low Jitter LVPECL/LVDS inter-
face
Internal FIFO to decouple
transmit clocks
Continued on next page...
Figure 1. System Block Diagram
TX: ½
Rate
Adaptation
FPGA
RX: 2.5 G,
1.25 G or
622 Mbps
FPGA
16
AMCC
S3157
16
½
AMCC
S3157
OLT
16
½
AMCC
S2060
Optical
Mux
PON
Splitter
E/O
O/E
CATV
1.25 Gbps
622 Mbps
155 Mbps
2.5 Gbps
1.25 Gbps
622 Mbps
16
ONU


Similar Part No. - CS3157

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
CS3155 AMCC-CS3155 Datasheet
405Kb / 2P
SONET/SDH/ATM OC-48 Transceiver With CDR
More results

Similar Description - CS3157

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
CS3155 AMCC-CS3155 Datasheet
405Kb / 2P
SONET/SDH/ATM OC-48 Transceiver With CDR
CS3455 AMCC-CS3455 Datasheet
89Kb / 2P
SONET/SDH/ATM OC-48 4-Bit Transceiver with CDR
logo
Maxim Integrated Produc...
MAX3886 MAXIM-MAX3886 Datasheet
302Kb / 17P
Multirate CDR with Integrated Serializer/Deserializer for GPON and BPON ONT Applications
Rev 0; 12/07
logo
Finisar Corporation.
FTGN3025Q1TAS FINISAR-FTGN3025Q1TAS Datasheet
99Kb / 10P
GPON ONU Class B Pigtailed RoHS Compliant Transceiver
FTGL2025S1TUS FINISAR-FTGL2025S1TUS Datasheet
91Kb / 10P
GPON OLT Class B Pigtailed RoHS Compliant Transceiver
logo
Source Photonics, Inc.
FTM-9823T-CGH SOURCE-FTM-9823T-CGH Datasheet
329Kb / 18P
GPON ONT Triplexer
logo
Micrel Semiconductor
SY87700 MICREL-SY87700 Datasheet
60Kb / 8P
CDR EVALUATION KIT
logo
Source Photonics, Inc.
SFU-43-48H-HP-RDE SOURCE-SFU-43-48H-HP-RDE Datasheet
423Kb / 13P
Class B GPON OLT transceiver
SFU-43-48H-HP-TDE SOURCE-SFU-43-48H-HP-TDE Datasheet
423Kb / 13P
Class B GPON OLT transceiver
logo
Finisar Corporation.
FTGN2117P2XXN FINISAR-FTGN2117P2XXN Datasheet
225Kb / 8P
GPON Stick (GPON SFP ONU)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com