Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3165 Datasheet(PDF) 2 Page - Applied Micro Circuits Corporation

Part # CS3165
Description  SONET/SDH/FEC/FC/GE/HDTV/DTV/D1/ESCON Multirate 16-bit Transceiver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS3165 Datasheet(HTML) 2 Page - Applied Micro Circuits Corporation

  CS3165 Datasheet HTML 1Page - Applied Micro Circuits Corporation CS3165 Datasheet HTML 2Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
6290 Sequence Drive • San Diego, CA 92121 • Tel: 858 450-9333 • Fax: 858 450-9885 • http://www.amcc.com
AMCC reserves the right to make changes to its products, or
to discontinue any product or service without notice, and
advises its customers to obtain the latest version of relevant
information to verify, before placing orders, that the
information being relied upon is current.
AMCC is a registered trademark of Applied Micro Circuits
Corporation. Copyright © 2006 Applied Micro Circuits
Corporation. All Rights Reserved.
Distribute only on a need-to-know basis, and subject to applicable NDA. Not to be disclosed to or used by any other person without prior authorization.
Product Brief
S3165
SONET/SDH/FEC/FC/GE/HDTV/DTV/D1/ESCON Multirate 16-bit Transceiver
PB2015_v1.01_02/08/06
2
Empowering Intelligent Optical Networks
Confidential and Proprietary
The sequence of operations is as
follows:
Transmitter Operations
1. 16-bit parallel input
2. Parallel-to-serial conversion
3. Serial data output
Receiver Operations
1. Clock and Data recovery from serial
input
2. Serial-to-parallel conversion
3. 16-bit parallel output
Internal clocking and control functions
are transparent to the user.
• 196 PBGA package
• Diagnostic and line loopback
mode
• Support serial loop timing mode
• Lock detect
• Signal detect input with polarity
select
• Low Jitter LVPECL/LVDS
interface
• Internal FIFO to decouple
transmit clocks
• Dual 1.2 V and 3.3 V/2.5V supply
• Complies with Telcordia and ITU-
T specifications
• Built-in self test
Transmitter Features
• Reference frequency of
155.52 MHz (or equivalent rate)
• 155.52 MHz (or equivalent rate)
clock output
• Internal, self-initializing FIFO to
decouple transmit clocks
Receiver Features
• Recovers clock from data
• Low-jitter CML differential or
single-ended serial interface
• Reference frequency of
155.52 MHz (or equivalent rate)
Applications
• SONET/SDH-based transmission
systems
• SONET/SDH modules
• Wavelength Division Multiplexing
(WDM)
• Section repeaters
• Add Drop Multiplexers (ADM)
• Broad-band cross-connects
• Fiber Optic Terminators
• Fiber Optic Test Equipment
Figure 2. S3165 Ordering Information
Prefix
Package
Device
S – Integrated Circuit
3165
PB - 196 PBGA
X
XXXX
XX
Prefix
Device
Package
Temperature Grade
I - Industrial
X
Temp



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com