Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3165 Datasheet(PDF) 1 Page - Applied Micro Circuits Corporation

Part # CS3165
Description  SONET/SDH/FEC/FC/GE/HDTV/DTV/D1/ESCON Multirate 16-bit Transceiver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS3165 Datasheet(HTML) 1 Page - Applied Micro Circuits Corporation

  CS3165 Datasheet HTML 1Page - Applied Micro Circuits Corporation CS3165 Datasheet HTML 2Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
–
A t a Gl ance
–
Product Brief
S3165
SONET/SDH/FEC/FC/GE/HDTV/DTV/D1/ESCON Multirate 16-bit Transceiver
Empowering Intelligent Optical Networks
1
PB2015_v1.01_02/08/06
Description
The S3165 SONET/ SDH/ Gigabit
Ethernet/ Fibre Channel/ HDTV/ ESCON/
DTV/ D1 transceiver is one of the latest
additions to AMCC’s OC-48 product
family. The S3165 device provides fully
integrated serialization/de-serialization
capabilities for low power SONET/ SDH/
Gigabit Ethernet/ Fibre Channel/ HDTV/
ESCON/ DTV/ D1 applications. The
device performs all necessary parallel-
to-serial and serial-to-parallel functions
in conformance with SONET/ SDH/
Gigabit Ethernet/ Fibre Channel/ HDTV/
ESCON/ DTV/ D1 transmission
standards. The standard operating range
is from 2.125 Gbps to 3.00 Gbps and the
device incorporates multiple dividers to
cover the rates for the protocols listed
under General Features. Figure 1,
System Block Diagram, shows a typical
network application.
Overview
The S3165 can be used to implement
the front end of SONET/ SDH/ Gigabit
Ethernet/ Fibre Channel/ HDTV/ ESCON/
DTV/ D1 equipment which consists
primarily of the serial transmit interface
and the serial receive interface. The
system timing circuitry consists of a high-
speed phase detector, clock dividers,
and clock distribution. The device utilizes
on-chip clock synthesis PLL components
that allow the use of a slower external
clock reference, 155.52 MHz (or
equivalent rate), in support of existing
system clocking schemes. The low-jitter,
16-bit differential LVPECL/LVDS data
path or single-ended LVPECL option
interfaces guarantee compliance with
the bit-error rate requirements of the
Telecordia and ITU-T standards.
S4801 Amazon
STS-48c POS/ATM SONET
Mapper
S4802 Missouri
SONET/SDH STS-48/STM-
16 Framer/ Pointer Processor
S4804 Rhine
STS-48 SONET/SDH Framer
and POS/ATM Mapper
S4805 Danube
SONET/SDH STS-48/STM-
16 Framer/ Pointer Processor
S19201 Indus
STS-192 SONET/SDH Inter-
leaver/ Disinterleaver
General Features
• Operational from 2.125 Gbps to
3.00 Gbps
• Supports:
- OC-48 with or w/o FEC
- OC-24 with or w/o FEC
- OC-12 with or w/o FEC
- OC-3 with or w/o FEC
- HDTV (1.485 Gbps)
-D1 (1.38 Gbps)
- Fibre Channel (1062 Mbps)
- 2 x Fibre Channel (2.124 Gbps)
- Gigabit Ethernet (1.25 Gbps)
- DTV (143.18 Mbps)
- ESCON (200 Mbps)
• 650 mW typical power
• Integrated clock data recovery
• On-chip high-frequency PLL for
clock generation and clock
recovery
• Reference frequency of 155.52 to
166.63 MHz
• RX and TX reference selectable
• Interface to LVCMOS/LVTTL logic
• Internal input termination option
built-in
• 16-bit differential LVPECL/LVDS
data path or single-ended
LVPECL option
Continued on next page...
Figure 1. System Block Diagram
AMCC
S3165
AMCC
S3165
ORX
OTX
OTX
ORX
16
16
16
16


Similar Part No. - CS3165

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
CS3160 AMCC-CS3160 Datasheet
160Kb / 11P
2.5 Gbps Wide Bandwidth Transimpedance Amplifier
More results

Similar Description - CS3165

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLK2501 TI-SLK2501 Datasheet
271Kb / 20P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2721 TI-SLK2721 Datasheet
300Kb / 21P
OC-48FEC/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
logo
List of Unclassifed Man...
S3067 ETC1-S3067 Datasheet
308Kb / 27P
MULTIRATE (OC-48/24/12/3/GBE/FC) SONET/SDH/ATM TRANSCEIVER w/ FEC
logo
Applied Micro Circuits ...
CS3485 AMCC-CS3485 Datasheet
104Kb / 2P
SONET/SDH/FEC/FC/GE/HDTV/DTV/D1/ESCON Multirate 4-bit Transceiver
S19250 AMCC-S19250 Datasheet
85Kb / 2P
STS-192 SONET/SDH/FEC/GbE/FC 16-bit Transceiver with EDC
S19252 AMCC-S19252 Datasheet
148Kb / 2P
STS-192 SONET/SDH/FEC/GbE/FC 16-bit EDC Transceiver with 10 G Clock
S19235 AMCC-S19235 Datasheet
86Kb / 2P
OC-192 SONET/SDH/FEC/GbE 16-bit Transceiver
logo
Texas Instruments
SLK2511A TI1-SLK2511A Datasheet
695Kb / 22P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
logo
Broadcom Corporation.
BCM8128BIFB BOARDCOM-BCM8128BIFB Datasheet
134Kb / 2P
MULTIRATE 10-GBPS SONET/SDH/10GE/FEC MUX
logo
Texas Instruments
SLK2721PZP TI1-SLK2721PZP Datasheet
508Kb / 22P
OC-48 FEC/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com