Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4805 Datasheet(PDF) 1 Page - Applied Micro Circuits Corporation

Part # CS4805
Description  SONET/SDH STS-48/STM-16 Framer/Pointer Processor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS4805 Datasheet(HTML) 1 Page - Applied Micro Circuits Corporation

  CS4805 Datasheet HTML 1Page - Applied Micro Circuits Corporation CS4805 Datasheet HTML 2Page - Applied Micro Circuits Corporation CS4805 Datasheet HTML 3Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FINAL/PRODUCTION RELEASE Information - The information contained in
this document is about a product in fully tested and charactherized phase. All
features described herein are supported. Contact AMCC for updates to this
document and the latest product status.
Empowering Intelligent Optical Networks
Product Brief
DANUBE
SONET/SDH STS-48/STM-16 Framer/Pointer Processor
Part Number S4805CBI11, Revision 1.5, January 2003
• SONET/SDH Mux/Demux, Transport Overhead Terminating
Transceiver and Pointer Processors for STS-48/STM-16 and
up to 4 x STS-12/STM-4 or 16 x STS-3/STM-1s.
• Serial STS-12/STM-4 and STS-3/STM-1 interfaces.
• Provisionable as SONET or SDH on a per line basis.
• Provisionable as SOH/LOH pass-through or termination/regen-
eration device.
• Built-in 192x48 cross-connects for STS-1 level cross-connec-
tion or add/drop, in both Mux and Demux directions.
• Compliant with Bellcore GR-253, ITU G.707, and ANSI T1.105
-1995 standards.
Multiplex Direction:
• Supports parallel STS-48/STM-16 or serial 4xSTS-12/STM-4
or serial 16xSTS-3/STM-1 inputs.
• Provides a single STS-48/STM-16 output.
• Pointer Processors for all valid input combinations of STS-48c/
AU-4-16c, STS-12c/AU-4-4c, STS-3c/AU-4, or STS-1/AU-3
signals.
• Non-intrusive TOH monitoring for all inputs: STS-48, 4xSTS-12
or 16xSTS-3.
• Provisionable pointer processor bypass available for STS-48 to
STS-48 operation (through-timing). Both a full bypass (no
frame regeneration) as well as a pointer processor bypass
(frame regeneration can be enabled) are provided.
• TOH can be either terminated/regenerated, or transparently
passed-through device on a per-function basis, in both
through-timing and pointer processor applications.
• For multiplex applications (4xSTS-12 or 16xSTS-3), the TOH
for the lower speed tributaries is passed-through in the unused
bytes of the outgoing STS-48 signal.
• STS-48 frame regeneration on output side. Provisionable pass-
through or regeneration of defined TOH bytes.
Demultiplex Direction:
• Supports a single STS-48/STM-16 input.
• Provides parallel STS-48/STM-16, serial 4xSTS-12/STM-4 or
serial 16xSTS-3/STM-1 outputs.
• Pointer Processor for all valid input combinations of STS-48c/
AU-4-16c, STS-12c/AU-4-4c, STS-3c/AU4, or STS-1/AU-3 sig-
nals.
• Non-intrusive STS-48/STM-16 TOH monitor.
• Provisionable pointer processor bypass available for STS-48 to
STS-48 operation (through-timing). Both a full bypass (no
frame regeneration) as well as a pointer processor bypass
(frame regeneration can be enabled) are provided.
• TOH can be either terminated/regenerated, or transparently
passed-through the device on a per-function basis, in both
through-timing and pointer processor applications.
• STS-48/STS-12/STS-3 frame regeneration on output side. Pro-
visionable pass-through or regeneration of defined TOH bytes.
Figure 1: Block Diagram
MX_HS_155DATA_OUT[1:16]
DX_HS_155CLK_IN
FRAM48
FRGN48
MX_HS_155CLK_OUT
DX_HS_155DATA[1:15]
TOHDROP
TOH
INSERT
TOH
INSERT
TOH
DX_LS PCLK_OUT
High Speed
Interface
Low Speed
Interface
Demux
Direction
Mux
Direction
MICROPROCESSOR I/F
POINTER
PROC.
DROP
DX_HS_155FRM_IN
DEMUX
TOH
INSERT
POINTER
PROC.
4
4
4
4
DX_LS_PDATA_OUT[1:16]
MX_LSDATA_IN[1,5,9,13]
MX_LSCLK_IN[1,5,9,13]
MX_HS_622DATA_OUT[1:4]
MX_HS_622CLK_OUT
DX_HS_622CLK_IN
DX_HS_622DATA_IN[1:4]
MX_LS_PCLK_IN
MX_LS_PDATA_IN[1:16]
DX_LSDATA_OUT[1,5,9,13]
DX_LSCLK_OUT_[1,5,9,13]
DX_REFCLK_IN


Similar Part No. - CS4805

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
CS4804 AMCC-CS4804 Datasheet
42Kb / 2P
OC-48 / 4xOC-12 / 16xOC-3 SONET/SDH FRAMER AND POS/ATM MAPPER
More results

Similar Description - CS4805

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5110 SILABS-SI5110 Datasheet
415Kb / 26P
SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
Vitesse Semiconductor C...
VSC8151 VITESSE-VSC8151 Datasheet
471Kb / 30P
2.488Gb/s SONET/SDH STS-48/STM-16 Section Terminator
logo
Exar Corporation
XRT91L82 EXAR-XRT91L82 Datasheet
391Kb / 59P
2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
logo
Applied Micro Circuits ...
CS19204CBI12 AMCC-CS19204CBI12 Datasheet
92Kb / 3P
SONET/SDH STS-192/STM-64 MUX/DEMUX with Pointer Processor
CS19223CBI11 AMCC-CS19223CBI11 Datasheet
92Kb / 3P
SONET/SDH STS-192/STM-64 MUX/DEMUX with Pointer Processor
logo
List of Unclassifed Man...
S4806CBI ETC1-S4806CBI Datasheet
61Kb / 4P
STS-48/STM-16 SONET/SDH Framer and ATM/POS Mapper
logo
Exar Corporation
XRT91L31 EXAR-XRT91L31 Datasheet
339Kb / 41P
STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L80_0507 EXAR-XRT91L80_0507 Datasheet
335Kb / 45P
2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
logo
Silicon Laboratories
SI5100 SILABS-SI5100 Datasheet
495Kb / 40P
SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
M/A-COM Technology Solu...
29704-EVMD-001-C MA-COM-29704-EVMD-001-C Datasheet
2Mb / 55P
OptiPHY-F155 STS-3/STM-1 SONET/SDH ATM/POS Framer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com