Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4804 Datasheet (PDF) - Applied Micro Circuits Corporation

CS4804 Datasheet PDF - Applied Micro Circuits Corporation
Part # CS4804
Download  CS4804 Download
File Size   42.64 Kbytes
Page   2 Pages
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation
Description OC-48 / 4xOC-12 / 16xOC-3 SONET/SDH FRAMER AND POS/ATM MAPPER

CS4804 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS4804 Datasheet PDF - Applied Micro Circuits Corporation

Part # CS4804
Download  CS4804 Click to download

File Size   42.64 Kbytes
Page   2 Pages
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation
Description OC-48 / 4xOC-12 / 16xOC-3 SONET/SDH FRAMER AND POS/ATM MAPPER

CS4804 Datasheet (HTML) - Applied Micro Circuits Corporation


CS4804 Product details

The S4804 is a highly-integrated VLSI device that provides full-duplex mapping of packets or ATM cells to SONET/SDH payloads. It provides support for both uni-directional and bi-directional rings.

Features
• Provides a SONET/SDH STS-48/STM-16, 4 STS-12/STM- 4, or 16 STS-3/STM-1 line interfaces.
• STS-48/STM-16 data stream supports a single STS-48c/AU-4-16c, or any valid combination of STS-12c/AU-4-4c and/or STS-3c/AU-4 SONET/SDH payloads.
• Each STS-12/STM-4 data stream supports a single STS- 12c/AU-4-4c or 4 STS-3c/AU-4 SONET/SDH payloads.
• Each STS-3/STM-1 data stream supports a single STS-3c/AU-4 SONET/SDH payload.
• Supports mixed STS-3 / STS-12 line rates
• Provides full-duplex mapping of ATM cells or packets in each payload tributary.
• Supports termination of mixed ATM and POS tributaries.
• Terminates/generates SONET/SDH section, line, and path layers with transport/section E1, E2, F1, and DCC overhead interfaces in both transmit and receive directions.
• APS port to support protection-switching configurations between two RHINE devices.
• 16-bit, bus interface at 155 MHz for STS-48/STM-16 mode, or serial interfaces operating at 622/155 MHz for STS-12/3 (STM-4/1) modes on the line side.
• 32-bit, parallel interface (FlexBus-3TM) operating at 100 MHz on the system side.
• .25 micron, 2.5V core, and 3.3V tolerant I/O.
• Packaged in a 624 Pin CBGA.

Applications
• ATM switches
• Packet over SONET Routers and Switches
• SONET/SDH Add Drop Multiplexers, Terminal Multiplexers, and Digital Cross Connects
• Test equipment




Similar Part No. - CS4804

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
CS4805 AMCC-CS4805 Datasheet
90Kb / 3P
SONET/SDH STS-48/STM-16 Framer/Pointer Processor
More results


Similar Description - CS4804

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT95L51 EXAR-XRT95L51 Datasheet
123Kb / 8P
OC-48 ATM UNI/POS/MAPPER IC
logo
Texas Instruments
SLK2511 TI-SLK2511 Datasheet
303Kb / 21P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
logo
Exar Corporation
XRT94L55 EXAR-XRT94L55 Datasheet
53Kb / 2P
SONET/SDH OC-48/STM-16, 4XOC-12/STM-4, 16XOC-3/STM-1 FRAMER/CONCENTRATOR WITH INTEGRATED CDR?셎
logo
Texas Instruments
SLK2701 TI-SLK2701 Datasheet
298Kb / 21P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
logo
Applied Micro Circuits ...
CS3155 AMCC-CS3155 Datasheet
405Kb / 2P
SONET/SDH/ATM OC-48 Transceiver With CDR
CS19202CBI30 AMCC-CS19202CBI30 Datasheet
42Kb / 2P
STS-192 SONET/SDH FRAMER AND POS/ATM MAPPER
logo
List of Unclassifed Man...
S4806CBI ETC1-S4806CBI Datasheet
61Kb / 4P
STS-48/STM-16 SONET/SDH Framer and ATM/POS Mapper
logo
Exar Corporation
XRT94L43 EXAR-XRT94L43_06 Datasheet
3Mb / 328P
SONET/SDH OC-12 TO 12XDS3/E3 MAPPER
logo
M/A-COM Technology Solu...
29704-EVMD-001-C MA-COM-29704-EVMD-001-C Datasheet
2Mb / 55P
OptiPHY-F155 STS-3/STM-1 SONET/SDH ATM/POS Framer
logo
Texas Instruments
SLK2511C TI1-SLK2511C_13 Datasheet
573Kb / 22P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com