Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4804 Datasheet(PDF) 1 Page - Applied Micro Circuits Corporation

Part # CS4804
Description  OC-48 / 4xOC-12 / 16xOC-3 SONET/SDH FRAMER AND POS/ATM MAPPER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS4804 Datasheet(HTML) 1 Page - Applied Micro Circuits Corporation

  CS4804 Datasheet HTML 1Page - Applied Micro Circuits Corporation CS4804 Datasheet HTML 2Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
S4804CBI Block Diagram
RHINE
OC-48 / 4xOC-12 / 16xOC-3 SONET/SDH FRAMER AND POS/ATM MAPPER
Part Number - S4804CBI41
Product Brief Version 2.0 - January 2002
PRODUCT BRIEF
AMCC
Production Release Information - The information con-
tained in this document is about a product in its fully tested
and characterized phase. All features described herein are
supported. Contact AMCC for updates to this document and
the latest product status.
S4804CBI Block Diagram
• Provides a SONET/SDH STS-48/STM-16, 4 STS-12/STM-
4, or 16 STS-3/STM-1 line interfaces.
• STS-48/STM-16 data stream supports a single STS-48c/
AU-4-16c, or any valid combination of STS-12c/AU-4-4c
and/or STS-3c/AU-4 SONET/SDH payloads.
• Each STS-12/STM-4 data stream supports a single STS-
12c/AU-4-4c or 4 STS-3c/AU-4 SONET/SDH payloads.
• Each STS-3/STM-1 data stream supports a single
STS-3c/AU-4 SONET/SDH payload.
• Supports mixed STS-3 / STS-12 line rates
• Provides full-duplex mapping of ATM cells or packets in
each payload tributary.
• Supports termination of mixed ATM and POS tributaries.
• Terminates/generates SONET/SDH section, line, and path
layers with transport/section E1, E2, F1, and DCC over-
head interfaces in both transmit and receive directions.
• APS port to support protection-switching configurations
between two RHINE devices.
• 16-bit, bus interface at 155 MHz for STS-48/STM-16 mode,
or serial interfaces operating at 622/155 MHz for STS-12/3
(STM-4/1) modes on the line side.
• 32-bit, parallel interface (FlexBus-3TM) operating at 100
MHz on the system side.
• .25 micron, 2.5V core, and 3.3V tolerant I/O.
• Packaged in a 624 Pin CBGA.
The S4804 is a highly-integrated VLSI device that provides
full-duplex mapping of packets or ATM cells to SONET/SDH
payloads. It provides support for both uni-directional and
bi-directional rings.
The S4804 provides full section, line, and path overhead
processing, and supports framing, scrambling/descrambling,
alarm signal insertion/detection, and bit-interleaved parity
(B1/B2/B3) processing.
The S4804 is SONET/SDH standards compliant with Bellcore
GR-253, ITU G.707, ITU-T 432.1, ANSI T1.105 -1995, and
IETF RFCs 1619/1661/1662/2615.
A general purpose 8-bit or 16-bit microprocessor interface is
provided for control and monitoring. The interface supports
both IntelTM and MotorolaTM type microprocessors, and is
capable of operating in either an interrupt-driven or
polled-mode configuration. In addition, a standard 5 signal
IEEE 1149.1 JTAG Test Port is provided for Boundary Scan
test purposes.
Applications
ATM switches
Packet over SONET Routers and Switches
SONET/SDH Add Drop Multiplexers, Terminal
Multiplexers, and Digital Cross Connects
Test equipment
TX_SYS_DAT[31:0]
TX_ADR[4:0]
TX_CLK[1:4]
TX_PRTY[1:4]
TX_ENB[1:4]
TX_SOC/P[1:4]
TX_CLAV_PDA[1:4]
RX_SYS_DAT[31:0]
RX_ADR[4:0]
RX_CLK[1:4]
RX_PRTY[1:4]
RX_ENB[1:4]
RX_SOC/P[1:4]
RX_CLAV_PDA[1:4]
POH
MON.
TOH EXTRACT
TOH
MON.
RX
FRAMER
TX
FRAMER
TOH INSERT
SPE/VC
GEN.
RX_DV[1:4]
RX_LBYTE[1:0]
RX_EOP[1:4]
RX_ERR[1:4]
TX_EOP[1:4]
TX_ERR[1:4]
MICROPROCESSOR I/F
JTAG PORT
GPIO/LED REG
TX_DATA[15:0]
TX_SONETCLK_IN
TX_FRAME_IN
RX_DATA[15:0]
RX_SONETCLK[1:16]
RX_LOSEXT[1:16]
RX
FIFO x16
RX ATM/
HDLC
CNTRS
x16
TX
FIFO
x16
x16
x16
x16
x16
x16
x16
TX_LBYTE[1:0]
TX ATM/HDLC
PROC w/
SCRMBL
(X43 + 1)
x16
RX ATM/HDLC
PROC w/
(X43 + 1) DeSCRMBL
x16
TX_SONETCLK_OUT_155_622
TX_SONETCLK_OUT_155
TX_CLK_OUT[1:4]
RX_CLK_OUT[1:4}
RX_REF_CLK_OUT
Ptr
Proc
Ptr
Intrp
x16


Similar Part No. - CS4804

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
CS4805 AMCC-CS4805 Datasheet
90Kb / 3P
SONET/SDH STS-48/STM-16 Framer/Pointer Processor
More results

Similar Description - CS4804

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT95L51 EXAR-XRT95L51 Datasheet
123Kb / 8P
OC-48 ATM UNI/POS/MAPPER IC
logo
Texas Instruments
SLK2511 TI-SLK2511 Datasheet
303Kb / 21P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
logo
Exar Corporation
XRT94L55 EXAR-XRT94L55 Datasheet
53Kb / 2P
SONET/SDH OC-48/STM-16, 4XOC-12/STM-4, 16XOC-3/STM-1 FRAMER/CONCENTRATOR WITH INTEGRATED CDR?셎
logo
Texas Instruments
SLK2701 TI-SLK2701 Datasheet
298Kb / 21P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
logo
Applied Micro Circuits ...
CS3155 AMCC-CS3155 Datasheet
405Kb / 2P
SONET/SDH/ATM OC-48 Transceiver With CDR
CS19202CBI30 AMCC-CS19202CBI30 Datasheet
42Kb / 2P
STS-192 SONET/SDH FRAMER AND POS/ATM MAPPER
logo
List of Unclassifed Man...
S4806CBI ETC1-S4806CBI Datasheet
61Kb / 4P
STS-48/STM-16 SONET/SDH Framer and ATM/POS Mapper
logo
Exar Corporation
XRT94L43 EXAR-XRT94L43_06 Datasheet
3Mb / 328P
SONET/SDH OC-12 TO 12XDS3/E3 MAPPER
logo
M/A-COM Technology Solu...
29704-EVMD-001-C MA-COM-29704-EVMD-001-C Datasheet
2Mb / 55P
OptiPHY-F155 STS-3/STM-1 SONET/SDH ATM/POS Framer
logo
Texas Instruments
SLK2511C TI1-SLK2511C_13 Datasheet
573Kb / 22P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com