Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4804 Datasheet(PDF) 2 Page - Applied Micro Circuits Corporation

Part # CS4804
Description  OC-48 / 4xOC-12 / 16xOC-3 SONET/SDH FRAMER AND POS/ATM MAPPER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS4804 Datasheet(HTML) 2 Page - Applied Micro Circuits Corporation

  CS4804 Datasheet HTML 1Page - Applied Micro Circuits Corporation CS4804 Datasheet HTML 2Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AMCC
200 Minuteman Road, Andover, MA 01810 Ph: (978) 623-0009 Fax: (978) 623-0024
STS-48 POS/ATM SONET MAPPER
PRODUCT BRIEF
Product Brief Version 2.0 - January 2002
S4804CBI41: RHINE
Overview and Applications
Sonet/SDH Processing
The S4804 implements SONET/SDH processing and full-
duplex ATM/packet-mapping functions for STS-48/STM-16,
STS-12/STM-4, or STS-3/STM-1 data streams. It can support
either a single STS-48c/AU-4-16c or any valid combination of
STS-12c/AU-4-4c or STS-3c/AU-4 signals within an STS-48/
STM-16. The S4804 also supports 4 STS-12/STM-4 signals
(each containing a single STS-12c/AU-4-4c or 4 STS-3c/AU-
4), or 16 STS-3c/STM-1 signals each containing an STS-3c/
AU-4.
A TOH/SOH interface provides direct add/drop capability for
E1, E2, F1, and both Section and Line DCC channels. The
S4804 also includes a clear channel mode that enables the
direct transmission of system payload from the system inter-
face to the line-side interface.
On the transmit side, the S4804 generates section, line, and
path overhead. It performs framing pattern insertion (A1, A2),
scrambling, alarm-signal insertion, and generates section,
line, and path Bit Interleaved Parity (B1/B2/B3) for far-end
performance monitoring.
On the receive side, the S4804 processes section, line, and
path overhead. It performs framing (A1, A2), descrambling,
alarm detection, pointer processing, Bit Interleaved Parity
monitoring (B1/B2/B3), and error-count accumulation for
performance monitoring.
ATM Processing
When configured for ATM cell processing, the S4804’s trans-
mit ATM processor(s) will perform all necessary cell process-
ing as defined by ATM UNI3.1, ITU-T I.432.1, and I.432.2.
HDLC Processing
When configured for POS mode, the S4804’s HDLC proces-
sor(s) provides HDLC packet processing as defined by IETF
RFCs 1619, 1662 and 2615. In addition, the S4804 optionally
performs scrambling (X43+1).
Direct Map Mode
Direct Map Mode allows to map any protocol directly into the
Sonet/SDH Synchronous Payload Envelope, by-passing the
ATM and HDLC processing circuitry.
Automatic Protection Switching
The S4804 provides APS input and output interfaces to
convey signals between two S4804 devices configured for
APS operation. This configuration supports both 1+1 and 1:1
configurations.
Line-side Interface
On the line side, the S4804 supports a 16-bit parallel
interface, operating at 155MHz for a single OC-48 optical
interface. It provides serial interfaces at either 622 MHz or
155 MHz for OC-12 and/or OC-3 optical interfaces. Mixed
OC-3 / OC-12 line rates are supported.
System Interface
The S4804 supports a 32-bit, 100-MHz system interface. For
ATM cell transfers, the S4804 supports Utopia Level 3
interface. For packet transfers, the S4804 supports
FlexBusTM interface. The S4804 also provides support for a
quad, 8-bit extension of the Utopia 3.
TX_SONETCLK_IN
RX_SONETCLK[2]
P/S & S/P
SONET XCVR
with
Clk Recovery
SerRxD±
SerTxD±
Microprocessor
Control
Control
Reference
Clock
Fiber Optic
Transceiver
SONET
Line Side
Interface
RX_LOSEXT[1]
RHINE
AMCC
Addr
Data
16
14
TX_CLK
TX_SYS_DAT[31:0]
RX_CLK
RX_SYS_DAT[31:0]
TOH Insertion
and Extraction
IP Router or ATM Switch
Multi
Channel
Link Layer
Device
Switching/
Routing
Logic
HP / Lucent
Single STS-48 / Quad STS-12/ 16xSTS-3
POS or ATM over SONET Application
TYPICAL APPLICATIONS: S4804CBI - RHINE in ATM or POS System
For OC-48 Mode:
Either
Single OC-48
or
Four OC-12
TX_DATA[15:0]
RX_DATA[15:0]
AMCC 3055
Sixteen OC-3
or
S4804CBI



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com