Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSDF52830YS Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TSDF52830YS
Description  Dual - MOSMIC- two AGC Amplifiers for TV-Tuner Prestage with Integrated Band Switch for One-Line Switching
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSDF52830YS Datasheet(HTML) 5 Page - Vishay Siliconix

  TSDF52830YS Datasheet HTML 1Page - Vishay Siliconix TSDF52830YS Datasheet HTML 2Page - Vishay Siliconix TSDF52830YS Datasheet HTML 3Page - Vishay Siliconix TSDF52830YS Datasheet HTML 4Page - Vishay Siliconix TSDF52830YS Datasheet HTML 5Page - Vishay Siliconix TSDF52830YS Datasheet HTML 6Page - Vishay Siliconix TSDF52830YS Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
VISHAY
TSDF52830YS
Document Number 85178
Rev. 1.1, 26-Aug-04
Vishay Semiconductors
www.vishay.com
5
Amplifier 2
VDS = VRG1 = 5 V, VG2S = 4 V, Gate 1 = nc, ID = IDSP, f = 1 MHz, Tamb = 25 °C, unless otherwise specified
Following data are valid for operating amplifier 2 (pin 6, 4, 5, 2) which is optimized for VHF applications
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward transadmittance
|y21s|23
28
33
mS
Gate 1 input capacitance
Cissg1
2.2
2.7
pF
Feedback capacitance
Crss
20
fF
Output capacitance
Coss
1.0
pF
Power gain
GS = 2 mS, BS = BSopt,
GL = 0.5 mS, BL = BLopt,
f = 200 MHz
Gps
32
dB
GS = 2 mS, BS = BSopt,
GL = 1 mS, BL = BLopt,
f = 400 MHz
Gps
28
dB
GS = 3.3 mS, BS = BSopt,
GL = 1 mS, BL = BLopt,
f = 800 MHz
Gps
22
dB
AGC range
VDS = 5 V, VG2S = 0.5 to 4 V,
f = 200 MHz
Gps
50
dB
Noise figure
GS = GL = 20 mS, BS = BL = 0,
f = 50 MHz
F4.5
6.0
dB
GS = 2 mS, GL = 1 mS,
BS = BSopt, f = 400 MHz
F1.0
1.6
dB
GS = 3.3 mS, GL = 1 mS,
BS = BSopt, f = 800 MHz
F1.5
2.3
dB
Cross modulation
Input level for
k = 1 % @ 0 dB
AGC fw = 50 MHz,
funw = 60 MHz
Xmod
90
dB
µV
Input level for
k = 1 % @ 40 dB
AGC fw = 50 MHz,
funw = 60 MHz
Xmod
105
dB
µV



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com