Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSDF52830YS Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TSDF52830YS
Description  Dual - MOSMIC- two AGC Amplifiers for TV-Tuner Prestage with Integrated Band Switch for One-Line Switching
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSDF52830YS Datasheet(HTML) 3 Page - Vishay Siliconix

  TSDF52830YS Datasheet HTML 1Page - Vishay Siliconix TSDF52830YS Datasheet HTML 2Page - Vishay Siliconix TSDF52830YS Datasheet HTML 3Page - Vishay Siliconix TSDF52830YS Datasheet HTML 4Page - Vishay Siliconix TSDF52830YS Datasheet HTML 5Page - Vishay Siliconix TSDF52830YS Datasheet HTML 6Page - Vishay Siliconix TSDF52830YS Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
VISHAY
TSDF52830YS
Document Number 85178
Rev. 1.1, 26-Aug-04
Vishay Semiconductors
www.vishay.com
3
Electrical DC Characteristics
Tamb = 25 °C, unless otherwise specified
Amplifier 1
Following data are valid for operating amplifier 1 (pin 1, 3, 5, 2) which is optimized for UHF applications
Amplifier 2
Following data are valid for operating amplifier 2 (pin 6, 4, 5, 2) which is optimized for VHF applications
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Drain - source breakdown
voltage
ID = 10 µA, VG2S = VG1S = 0
V(BR)DSS
15
V
Gate 1 - source breakdown
voltage
+ IG1S = 10 mA, VG2S = VDS = 0 + V(BR)G1SS
710
V
± IG2S = 10 mA, VG1S = VDS = 0 ± V(BR)G2SS
710
V
Gate 1 - source leakage current + VG1S = 5 V, VG2S = VDS = 0
+ IG1SS
20
nA
Gate 2 - source leakage current ± VG2S = 5 V, VG1S = VDS = 0
± IG2SS
20
nA
Drain - source operating current VDS = VRG1 = 5 V, VG2S = 4 V,
RG1 = 100 kΩ
IDSO
812
17
mA
Gate 1 - source cut-off voltage
VDS = 5 V, VG2S = 4, ID = 20 µAVG1S(OFF)
0.3
1.0
V
Gate 2 - source cut-off voltage
VDS = VRG1 = 5 V, RG1 =100 kΩ,
ID = 20 µA
VG2S(OFF)
0.3
1.2
V
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Gate 1 - source breakdown
voltage
+ IG1S = 10 mA, VG2S = VDS = 0 + V(BR)G1SS
710
V
Gate 2 - source breakdown
voltage
± IG2S = 10 mA, VG1S = VDS = 0 ± V(BR)G2SS
710
V
Gate 1 - source leakage current + VG1S = 5 V, VG2S = VDS = 0
+ IG1SS
50
µA
Gate 2 - source leakage current ± VG2S = 5 V, VG1S = VDS = 0
± IG2SS
20
nA
Drain - source operating current VDS = VRG1 = 5 V, VG2S = 4 V,
Gate 1 = nc
IDSP
813
17
mA
Gate 2 - source cut-off voltage
VDS = VRG1 = 5 V, Gate 1 = nc,
ID = 20 µA
VG2S(OFF)
0.3
1.2
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com