Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPT65R080CFD7 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IPT65R080CFD7
Description  650V CoolMOSª CFD7 SJ Power Device
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPT65R080CFD7 Datasheet(HTML) 1 Page - Infineon Technologies AG

  IPT65R080CFD7 Datasheet HTML 1Page - Infineon Technologies AG IPT65R080CFD7 Datasheet HTML 2Page - Infineon Technologies AG IPT65R080CFD7 Datasheet HTML 3Page - Infineon Technologies AG IPT65R080CFD7 Datasheet HTML 4Page - Infineon Technologies AG IPT65R080CFD7 Datasheet HTML 5Page - Infineon Technologies AG IPT65R080CFD7 Datasheet HTML 6Page - Infineon Technologies AG IPT65R080CFD7 Datasheet HTML 7Page - Infineon Technologies AG IPT65R080CFD7 Datasheet HTML 8Page - Infineon Technologies AG IPT65R080CFD7 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
IPT65R080CFD7
Rev.2.0,2022-08-03
Final Data Sheet
1
2
3
4
8
7
6
5
Tab
8
7
6
5
4
3
2
1
Tab
PG-HSOF-8
Drain
Tab
Gate
Pin 1
Source
Pin 3-8
Driver
Source
Pin 2
*1
*1: Internal body diode
MOSFET
650VCoolMOSªCFD7SJPowerDevice
Thelatest650VCoolMOS™CFD7extendsthevoltageclassofferingof
theCFD7familyandisasuccessortothe650VCoolMOS™CFD2.
Resultingfromimprovedswitchingperformanceandexcellentthermal
behavior,650VCooMOS™CFD7offershighestefficiencyinresonant
switchingtopologies,suchasLLCandphase-shift-full-bridge(ZVS).As
partofInfineon’sfastbodydiodeportfolio,thisnewproductseriesblends
alladvantagesofafastswitchingtechnologytogetherwithsuperiorhard
commutationrobustness.TheCoolMOS™CFD7technologymeets
highestefficiencyandreliabilitystandardsandfurthermoresupportshigh
powerdensitysolutions.
Features
•Ultra-fastbodydiode
•650Vbreakdownvoltage
•Best-in-classRDS(on)
•Reducedswitchinglosses
•LowRDS(on)dependencyovertemperature
Benefits
•Excellenthardcommutationruggedness
•Extrasafetymarginfordesignswithincreasedbusvoltage
•Enablingincreasedpowerdensitysolutions
•OutstandinglightloadefficiencyinindustrialSMPSapplications
•ImprovedfullloadefficiencyinindustrialSMPSapplications
Potentialapplications
Optimizedforphase-shiftfull-bridge(ZVS),LLCApplications–Server,
Telecom,EVCharging,Solar
Productvalidation
FullyqualifiedaccordingtoJEDECforIndustrialApplications
Pleasenote:Thesourceandsensesourcepinsarenotexchangeable.
Theirexchangemightleadtomalfunction.Forparalleling4pinMOSFET
devicestheplacementofthegateresistorisgenerallyrecommendedtobe
ontheDriverSourceinsteadoftheGate.
Table1KeyPerformanceParameters
Parameter
Value
Unit
VDS @ Tj,max
700
V
RDS(on),max
80
m
Ω
Qg,typ
50
nC
ID,pulse
107
A
Eoss @ 400V
7.8
µJ
Body diode diF/dt
1300
A/µs
Type/OrderingCode
Package
Marking
RelatedLinks
IPT65R080CFD7
PG-HSOF-8
65R080F7
see Appendix A


Similar Part No. - IPT65R080CFD7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPT65R018CM8 INFINEON-IPT65R018CM8 Datasheet
1Mb / 16P
MOSFET 650V CoolMOS™ CM8 Power Transistor
Revision 2.0 2024-12-19
IPT65R025CM8 INFINEON-IPT65R025CM8 Datasheet
1Mb / 16P
MOSFET 650V CoolMOS™ CM8 Power Transistor
Revision 2.0 2024-12-19
IPT65R033G7 INFINEON-IPT65R033G7 Datasheet
990Kb / 14P
650V CoolMOS짧 C7 Gold series (G7) Power Transistor
Rev.2.1,2016-03-14
IPT65R040CFD7 INFINEON-IPT65R040CFD7 Datasheet
1Mb / 14P
650V CoolMOSª CFD7 SJ Power Device
Rev. 2.1, 2022-08-04
IPT65R040CM8 INFINEON-IPT65R040CM8 Datasheet
1Mb / 16P
MOSFET 650V CoolMOS™ CM8 Power Transistor
Revision 2.0 2024-12-19
More results

Similar Description - IPT65R080CFD7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPL65R065CFD7 INFINEON-IPL65R065CFD7 Datasheet
1Mb / 14P
650V CoolMOSª CFD7 SJ Power Device
Rev. 2.0, 2021-07-28
IPP65R060CFD7 INFINEON-IPP65R060CFD7 Datasheet
1Mb / 14P
650V CoolMOSª CFD7 SJ Power Device
Rev. 2.1, 2020-08-12
IPP65R090CFD7 INFINEON-IPP65R090CFD7 Datasheet
1Mb / 14P
650V CoolMOSª CFD7 SJ Power Device
Rev. 2.0, 2020-10-28
IPP65R110CFD7 INFINEON-IPP65R110CFD7 Datasheet
1Mb / 14P
650V CoolMOSª CFD7 SJ Power Device
Rev. 2.0, 2020-10-30
IPP65R190CFD7 INFINEON-IPP65R190CFD7 Datasheet
1Mb / 14P
650V CoolMOSª CFD7 SJ Power Device
Rev. 2.0, 2020-08-27
IPZA65R018CFD7 INFINEON-IPZA65R018CFD7 Datasheet
1Mb / 14P
650V CoolMOSª CFD7 SJ Power Device
Rev. 2.0, 2020-10-27
IPDQ65R099CFD7 INFINEON-IPDQ65R099CFD7 Datasheet
1Mb / 14P
650V CoolMOSª CFD7 SJ Power Device
Rev. 2.0, 2022-08-29
IPDQ65R125CFD7 INFINEON-IPDQ65R125CFD7 Datasheet
1Mb / 14P
650V CoolMOSª CFD7 SJ Power Device
Rev. 2.1, 2022-08-29
IPT65R040CFD7 INFINEON-IPT65R040CFD7 Datasheet
1Mb / 14P
650V CoolMOSª CFD7 SJ Power Device
Rev. 2.1, 2022-08-04
IPT65R190CFD7 INFINEON-IPT65R190CFD7 Datasheet
1Mb / 14P
650V CoolMOSª CFD7 SJ Power Device
Rev. 2.1, 2022-08-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com