Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM-CFS Datasheet(PDF) 1 Page - AAEON Technology

Part # PCM-CFS
Description  Compact Board with 8th/9th Generation Intel® Core™ i7/i5/i3 and Celeron® Processor (socket type)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

PCM-CFS Datasheet(HTML) 1 Page - AAEON Technology

  PCM-CFS Datasheet HTML 1Page - AAEON Technology PCM-CFS Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
06-41
Note: All specifications are subject to change without notice.
www.aaeon.com
0
6
Compact Board with 8th/9th Generation Intel® Core™ i7/i5/i3 and Celeron® Processor (socket type)
PCM-CFS
Specifications
Features
Optional Accessories
Part Number
Description
QTY
1700190450
USB 3.2 Cable.2 PORTS.w/ bracket 45cm
2
1709100201
USB Cable.2.0mm.W/Bracket 20cm
2
1701100206
COM Cable 20cm
10
1700140510
Audio Cable 51cm
1
1702150155
SATA Power Cable 15cm
1
1709070500
SATA Cable 50cm
3
17592KBS91
CPU Cooler
1
■ 8th/ 9th Gen Intel® Core™ i7/i5/i3/ Celeron Socket Type CPU (Up to
65W)
■ DDR4 SODIMM Slot x 2, up to 32GB
■ Dual LVDS, VGA x 1, DVI x 1
■ PCIe[x16] Expansion Slot x 1
■ GbE x 2, HDA x 1 (Line-in, line-out, speaker out)
■ Half size mPCIe x 1 (With Nano-SIM), M.2 B key 2280 Slot x 1, M.2 M
key 2280 Slot x 1
■ SATA 6.0 Gb/s x 3, USB 3.2 Gen 2 x 4, USB2.0 x 4, Touch x 1 (4/5/8
Wire)
■ TPM2.0 x 1, RS232 x 8, RS232/422/485 x 2
■ CPU/System FAN connector x 2, DIO 16 bit
■ ATX Power Design
Packing List
• Jumper Cap (9657666600)
• Back plate for cooler (M09KBS9000)
• PCM-CFS
System
Form Factor
5.25” Compact Board
CPU
8th/9th Generation Intel® Core™ i7/i5/i3/Celeron® Socket Type
(Up to 65W)
CPU Frequency
Up to 5.0GHz
Chipset
Intel® Q370 (TDP: 6W)
Memory Type
SODIMM DDR4 Memory Slot x 2
Max. Memory Capacity
Up to 32GB
BIOS
UEFI only
Wake on LAN
Yes
Watchdog Timer
255 Levels
Power Requirement
ATX
Power Supply Type
ATX
Power Consumption
(Typical)
CPU 65W TDP
Dimension (L x W)
203mm x 146mm
Operating Temperature
32°F ~ 122°F (0°C ~ 50°C)
Storage Temperature
-4°F ~ 176°F (-20°C ~ 80°C)
Operating Humidity
0 ~ 90% @ 40°C, non-condensing
MTBF (Hours)
TBD
Certification
CE/FCC Class A
Display
VGA/LCD Controller
8th Generation Intel® Core™ Processor family
Video Output
LVDS x 2, CRT x 1, DVI x 1
Backlight inverter supply
18/24bit (2CH)
I/O
Ethernet
Intel® GbE i219 x 1, Intel® GbE i211 x 1
Audio
ALC269 (With Amplifier)
USB Port
USB 3.2 Gen 1 x 4, USB 2.0 x 4 (All headers)
Serial Port
RS232 x 8, RS232/422/485 x 2 (All headers)
Parallel Port
—
HDD Interface
SATA 6.0 Gb/s x 3
LVDS x 2
USB 3.2
Gen 1 x 4
PCI
FDD Interface
—
SSD
—
Expansion Slot
M.2 3042/2280 Slot (B key) x 1
M.2 2280 Slot (M key) x 1
Half size mPCIe x 1
SMBus/I2C/LPC x 1
DIO
16-bit
SIM
—
TPM
TPM 2.0
Touch
—
ATX
DVI CRT
LAN x 2
USB 2.0 x 2
SATA x 3
Audio
Mini card
USB 2.0


Similar Part No. - PCM-CFS

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PCM-C1 PANDUIT-PCM-C1 Datasheet
104Kb / 4P
Pre-Printed Marker Cards PCM Type
logo
Advantech Co., Ltd.
PCM-C3503 ADVANTECH-PCM-C3503 Datasheet
1Mb / 2P
SBC with TI OMAP35 Series Processor
PCM-C3530 ADVANTECH-PCM-C3530 Datasheet
1Mb / 2P
SBC with TI OMAP35 Series Processor
PCM-C3530DK-B00E ADVANTECH-PCM-C3530DK-B00E Datasheet
1Mb / 2P
SBC with TI OMAP35 Series Processor
PCM-C3530DK-B00E ADVANTECH-PCM-C3530DK-B00E Datasheet
1Mb / 2P
SBC with TI OMAP35 Series Processor
More results

Similar Description - PCM-CFS

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
DPX-M1270 ADVANTECH-DPX-M1270 Datasheet
1Mb / 2P
Intel® 8th & 9th Generation Core™-i7/i5/i3 Embedded Multi-media Gaming System
22-Jan-2020
DPX-M270 ADVANTECH-DPX-M270 Datasheet
1Mb / 2P
Intel® 8th & 9th Generation Core™-i7/i5/i3 Embedded Multi-media Gaming Board
20-Jan-2020
logo
AAEON Technology
GENE-ADP6 AAEON-GENE-ADP6 Datasheet
572Kb / 2P
3.5” SubCompact Board with 12th Generation Intel® Core™ i7/i5/i3/Celeron® Processor SoC
2023/01/19
GENE-CML5 AAEON-GENE-CML5 Datasheet
447Kb / 2P
3.5” SubCompact Board with 10th Generation Intel® Core™ i7/i5/i3/Pentium®/Celeron® Processor
2022/10/25
GENESYS-KBU6 AAEON-GENESYS-KBU6 Datasheet
390Kb / 2P
3.5" SubCompact Board System with 7th Generation Intel® Core™ i7/i5/i3/Celeron® Processor SoC
2022/12/14
GENESYSM-ADP6 AAEON-GENESYSM-ADP6 Datasheet
390Kb / 2P
3.5” SubCompact Board System with 12th Generation Intel® Core™ i7/i5/i3/Celeron® Processor SoC
2022/11/16
GENE-WHU6 AAEON-GENE-WHU6 Datasheet
582Kb / 2P
3.5” SubCompact Board with 8th Generation Intel® Core™ i7/i5/i3/Celeron® Processor SoC
2022/10/25
GENESYS-WHU6 AAEON-GENESYS-WHU6 Datasheet
483Kb / 2P
3.5" SubCompact Board System with 8th Generation Intel® Core™ i7/i5/i3/Celeron® Processor SoC
2022/10/05
PICO-WHU4-SEMI AAEON-PICO-WHU4-SEMI Datasheet
392Kb / 2P
PICO-SEMI Embedded with 8th Generation Intel® Core™ i7/i5/i3/Celeron® U-Series Processor SoC
2022/11/30
PICO-WHU4 AAEON-PICO-WHU4 Datasheet
517Kb / 2P
Pico-ITX Board with 8th Generation Intel® Core™ i7/i5/i3/Celeron® U-Series Processor SoC
2022/08/31
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com