Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM-CFS Datasheet(PDF) 2 Page - AAEON Technology

Part # PCM-CFS
Description  Compact Board with 8th/9th Generation Intel® Core™ i7/i5/i3 and Celeron® Processor (socket type)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

PCM-CFS Datasheet(HTML) 2 Page - AAEON Technology

  PCM-CFS Datasheet HTML 1Page - AAEON Technology PCM-CFS Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
06-42
Note: All specifications are subject to change without notice.
www.aaeon.com
0
6
PCM-CFS
Block Diagram
Dimension
Unit: mm
page 1
All rights reserved. Confiden�al.
Intel®
8th Gen LGA
1151 Socket
(Up to 65W)
DMI
BIOS
SPI
Intel®
PCH
Q370
Channel A
DDR4 SO-DIMM
DDR4 SO-DIMM
Channel B
PCIe [x16] *1
PCIe [x16] Slot *1
DP to CRT
CRT
CRT
DDI1
DP to DVI
DVI
DVI
DDI2
PCIe[x1]
Intel
GbE
Ethernet
GbE
PCIe[x1]
Intel
PHY
Transceiver
GbE
RJ-45
RJ-45
SATA*3
SATA *3
Audio
Codec
ALC269
HDA
Line-In
Line-Out
Mic
SPK
USB2.0 *4 / USB3.0 *4
USB2.0 *4
USB3.0/2.0*4 (Gen2)
Super
I/O
HW Monitor/
KB/MS
COM RS232/422/485 *2
UART
CPU/System FAN (4P)
COM RS232 *4
UART
UART I/O
F81216AD
UART
COM RS232 *4
USB2.0 *1
M.2 B key (2280)
TPM2.0
LPC
PCIe [x1]*1/USB2.0*1
Mini-Card (Half size)
PCIe [x1] *2/SATA*1/USB3.0 x 1
UIM *1 (Default to M.2)
Nano-SIM
Default: SATA/PCIe x1/USB2.0/UIM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com