Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78L06ACD-R2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 78L06ACD-R2
Description  The Linear ICs Three-Terminal Low Current Positive Voltage Regulators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

78L06ACD-R2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  78L06ACD-R2 Datasheet HTML 1Page - List of Unclassifed Manufacturers 78L06ACD-R2 Datasheet HTML 2Page - List of Unclassifed Manufacturers 78L06ACD-R2 Datasheet HTML 3Page - List of Unclassifed Manufacturers 78L06ACD-R2 Datasheet HTML 4Page - List of Unclassifed Manufacturers 78L06ACD-R2 Datasheet HTML 5Page - List of Unclassifed Manufacturers 78L06ACD-R2 Datasheet HTML 6Page - List of Unclassifed Manufacturers 78L06ACD-R2 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PLANETA JSC, 2/13 Fedorovsky Ruchei, Veliky Novgorod, 173004, Russia
Ph./Fax: +7–816–2231736
E-mail: planeta@novgorod.net
© August 2001 Rev 1
http://www.novgorod.net/~planeta
PLANETA
The Linear IC's
Three-Terminal Low Current
Positive Voltage Regulators
DESCRIPTION
The 78L00A Series of three terminal positive voltage regulators is
available with several fixed output voltages making them useful in a wide
range of applications. These regulators are inexpensive, vise-to-use devices
suitable for a multitude of applications that require a regulated supply of up
to 100 mA. These regulators feature internal current limiting and thermal
shutdown making them remarkably rugged. No external components are
required with the 78L00A devices in many applications.
These devices offer a substantial performance advantage over the
traditional zener diode-resistor combination, as output impedance and
quiescent current are substantionally reduced.
The voltages available allow the 78L00A to be used in logic systems,
instrumentation, HiFi, and other solid state electronic equipment.
The 78L00A is available in 3-Pin plastic package SOT54 (Z), 3-Pin mini
power plastic package SOT89 (F) and the 8-Pin plastic package SO8 (D)
offers superior quality and performance at low cost.
FEATURES
Ø
High Output Current
I
O= 100 mA
Ø
Fixed Output Voltage
V
O= 5 V, 6 V, 8 V, 12 V, 15 V
Ø
Complementary Negative Regulators 79L00A Series
Ø
Available in either ±5% (AC) Selection
DEVICE TYPE / NOMINAL VOLTAGE
Package
5% Output Voltage
Accuracy
Voltage
Z Suffix
F Suffix
D Suffix
78L05AC
5
78L05ACZ
78L05ACF
78L05ACD
78L06AC
6
78L06ACZ
78L06ACF
78L06ACD
78L08AC
8
78L08ACZ
78L08ACF
78L08ACD
78L09AC
9
78L09ACZ
78L09ACF
78L09ACD
78L12AC
12
78L12ACZ
78L12ACF
78L12ACD
78L15AC
15
78L15ACZ
78L15ACF
78L15ACD
78L00A Series
SOT54
JEDEC
TO-92
EIAJ
SC-43
GOST
KT-26
Weight:
0.3g
1 – Output
2 – Common
3 – Input
3
2
1
SOT89
JEDEC
TO-243
EIAJ
SC-62
GOST
KT-47
Weight:
0.055g
1
2
3
1 – Output
2 – Common
3 – Input
2
SOT96-1
JEDEC
MS-012
EIAJ
–
GOST
4303.8-1
Weight:
0.08 ã
1
4
5
1 – Output, 2 – Common,
3 – Common, 4 – No Connect,
5 – No Connect, 6 – Common,
7 – Common, 4 – Input


Similar Part No. - 78L06ACD-R2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
78L06ACD ETC-78L06ACD Datasheet
81Kb / 7P
Three-Terminal Low Current Positive Voltage Regulators
More results

Similar Description - 78L06ACD-R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78L00A ONSEMI-MC78L00A Datasheet
101Kb / 16P
Three-Terminal Low Current Positive Voltage Regulators
December, 2004 ??Rev. 9
logo
List of Unclassifed Man...
78L00A ETC-78L00A Datasheet
81Kb / 7P
Three-Terminal Low Current Positive Voltage Regulators
logo
Integral Corp.
IL78L INTEGRAL-IL78L Datasheet
133Kb / 5P
THREE-TERMINAL LOW CURRENT POSITIVE VOLTAGE REGULATORS
IL79L INTEGRAL-IL79L Datasheet
122Kb / 4P
THREE-TERMINAL LOW CURRENT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
PL78L06XA3 CYSTEKEC-PL78L06XA3 Datasheet
151Kb / 4P
Three Terminal Low Current Positive Voltage Regulators
PL78L08XA3 CYSTEKEC-PL78L08XA3 Datasheet
150Kb / 4P
Three Terminal Low Current Positive Voltage Regulators
PL78L12XA3 CYSTEKEC-PL78L12XA3 Datasheet
150Kb / 4P
Three Terminal Low Current Positive Voltage Regulators
logo
Sirectifier Semiconduct...
BL78LXX SIRECTIFIER-BL78LXX Datasheet
224Kb / 8P
Three-Terminal Low Current Positive Voltage Regulators
logo
Galaxy Semi-Conductor H...
BL78LXX BILIN-BL78LXX Datasheet
169Kb / 8P
Three-Terminal Low Current Positive Voltage Regulators
Rev.A
BL78XX BILIN-BL78XX Datasheet
206Kb / 11P
Three-Terminal Low Current Positive Voltage Regulators
Rev.A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com