Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR6MXCS-DEV Datasheet(PDF) 1 Page - BCM Advanced Research.

Part # AR6MXCS-DEV
Description  AR6MXCS ARM Development Kit pre-loaded with Linux OS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCM [BCM Advanced Research.]
Direct Link  https://www.bcmcom.com/
Logo BCM - BCM Advanced Research.

AR6MXCS-DEV Datasheet(HTML) 1 Page - BCM Advanced Research.

  AR6MXCS-DEV Datasheet HTML 1Page - BCM Advanced Research.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
Specifications
BCM Advanced Research
www.bcmcom.com
11 Chrysler, Irvine, CA 92618 USA
An industry leader in industrial motherboards &
embedded computing
BCMSales@bcmcom.com
(949) 470-1888
* All product specifications and images are subject to change without notice. Last update: 2020/11/02
Ordering Info
AR6MXCS-DEV-LN
Development kit includes one AR6MXCS motherboard, 8 GB
MicroSD Card pre-loaded with Linux OS, USB to TTL Cable, USB OTG
Cable and 5V AC Adapter
• NXP®i.MX6ARMCortexA9SoloCore1.0GHz
• 512MBonboardDDR3Memory
• KitincludesoneAR6MXCSmotherboard,8GBMicroSD
Card pre-loaded with Linux OS, USB to TTL Cable, USB OTG
Cable and 5V AC Adapter
AR6MXCS ARM Development Kit pre-loaded with
Linux OS
Mechanical & Environment
Power
5V DC Input
Operating Temp.
0 ~ 60°C
Storage Temp.
-20 ~ 80°C
Operating
Humidity
5 ~ 90% Relative Humidity, Non-condensing
Form Factor
Custom, Small Form Factor
Dimensions
4.72" x 3.07" (120mm x 78mm)
Weight
1lb
System
CPU
NXP i.MX6 Cortex A9 Solo Core 1.0 GHz Processor Onboard
System Memory
512 MB DDR3 Memory Onboard
Bluetooth & WiFi
Optional Through Mini-PCIe Module
Audio
Wolfson® WM8962 Ultra Low Power Audio Codec
Ethernet
Micrel® KSZ9031 Gigabit Ethernet
Expansion
1 x uSD Card Slot (Bootable)
1 x Mini PCIe (Half Size)
OS Support
Linux
Linux Ubuntu 14.04.2
(Check Latest Version Online)
Other
Linux Yocto 1.7 (Check Latest Version Online)
Video
Video Interface
1 x 18/24bits LVDS, 1 x HDMI
Video Processing
Unit
OpenGL® ES 2.0 and OpenVG™ 1.1 Hardware Accelerators
& Multi-Format HD1080p Video Decoder and HD720p Video
Encoder Engine
External I/O
Audio Interface
1 x Line-Out
USB
2 x USB 2.0 and 1 x Micro USB Connector (USB OTG)
HDMI
1 x HDMI
LAN
1 x RJ-45
DC-in
1 x Barrel Type Connector
Internal I/O
LVDS
1 x LVDS and 1 x Inverter Control Header
USB
1 x USB 2.0 Headers (2 Ports)
COM (Serial Port)
1 x TTL
DIO
1 x 8 bits GPIO
MIO
1 x Front Panel, 1 x Cable Type CMOS Battery, 1 x I²C Header,
1 x CAN Bus Header, 1 x Mic-in Header
AR6MXCS-DEV
Development Kit Includes
Qty
Description
1
1
AR6MXCS Motherboard
2
1
USB OTG Cable
3
1
Power Supply
4
1
USB to TTL Cable
5
1
8GB MicroSD Card Pre-loaded with Linux OS
1
2
3
4
5


Similar Part No. - AR6MXCS-DEV

ManufacturerPart #DatasheetDescription
logo
BCM Advanced Research.
AR6MXCS-DEV-LN BCM-AR6MXCS-DEV-LN Datasheet
393Kb / 1P
Cost Effective, Ultra Low Powert 5V DC-in, Palm Size ARM Motherboard
02/11/2016
More results

Similar Description - AR6MXCS-DEV

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CP2501-DK SILABS-CP2501-DK Datasheet
252Kb / 14P
CP250X DEVELOPMENT KIT
logo
Texas Instruments
TMS570LS31 TI-TMS570LS31 Datasheet
1Mb / 37P
TMS570LS31 Hercules ARM Safety MCU Development Kit (HDK)
logo
Zilog, Inc.
Z8F081A ZILOG-Z8F081A Datasheet
155Kb / 2P
Development Kit
logo
Prosoft-Technology
MVI69E-LDM PROSOFT-MVI69E-LDM Datasheet
375Kb / 2P
Linux Development Module for CompactLogix
MVI56E-LDM PROSOFT-MVI56E-LDM Datasheet
562Kb / 2P
Linux Development Module for ControlLogix
logo
BCM Advanced Research.
AR3399RK-DEV BCM-AR3399RK-DEV Datasheet
246Kb / 1P
AR3399RK Development Kit with 10in Touch Panel, Android or Linux OS
2020/11/16
AR6MXQ-DEV BCM-AR6MXQ-DEV Datasheet
141Kb / 1P
NXP i.MX6 ARM Cortex A9 Quad Core Development Kit
2/17/2016
AR8MXMM-DEV BCM-AR8MXMM-DEV Datasheet
240Kb / 1P
AR8MXMM (i.MX 8M Mini) Development Kit with 10in Touch Panel, Android or Linux OS
2020/11/12
AR6MXS-DEV BCM-AR6MXS-DEV Datasheet
257Kb / 1P
NXP i.MX6 ARM Cortex A9 Solo Core Development Kit
2/17/2016
AR8MXMQ-DEV BCM-AR8MXMQ-DEV Datasheet
251Kb / 1P
AR8MXMQ Development Kit with 10in Touch Panel, Android or Linux OS
2021/02/03
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com