Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR6MXS-DEV Datasheet (PDF) - BCM Advanced Research.

AR6MXS-DEV Datasheet PDF - BCM Advanced Research.
Part # AR6MXS-DEV
Download  AR6MXS-DEV Download
File Size   257.01 Kbytes
Page   1 Pages
Manufacturer  BCM [BCM Advanced Research.]
Direct Link  https://www.bcmcom.com/
Logo BCM - BCM Advanced Research.
Description NXP i.MX6 ARM Cortex A9 Solo Core Development Kit

AR6MXS-DEV Datasheet (PDF)

Go To PDF Page Download Datasheet
AR6MXS-DEV Datasheet PDF - BCM Advanced Research.

Part # AR6MXS-DEV
Download  AR6MXS-DEV Click to download

File Size   257.01 Kbytes
Page   1 Pages
Manufacturer  BCM [BCM Advanced Research.]
Direct Link  https://www.bcmcom.com/
Logo BCM - BCM Advanced Research.
Description NXP i.MX6 ARM Cortex A9 Solo Core Development Kit

AR6MXS-DEV Datasheet (HTML) - BCM Advanced Research.


AR6MXS-DEV Product details

Features
■■ NXP i.MX6 Solo Core ARM Motherboard
■■ 1 GB onboard DDR3 Memory
■■ Dual Display: 1 x HDMI, 1 x 18/24-bits LVDS
■■ MIPI-CSI Camera Interface onboard
■■ 4 x USB
■■ SD Card Slot (Bootable)
■■ 12V DC Adaptor
■■ Kit includes a console cable, a type 6 SD card preloaded
with Android or Linux OS




Similar Part No. - AR6MXS-DEV

ManufacturerPart #DatasheetDescription
logo
BCM Advanced Research.
AR6MXS-DEV-AN BCM-AR6MXS-DEV-AN Datasheet
660Kb / 1P
NXP i.MX6 Cortex A9 Solo Core ARM Motherboard (SBC)
AR6MXS-DEV-LX BCM-AR6MXS-DEV-LX Datasheet
660Kb / 1P
NXP i.MX6 Cortex A9 Solo Core ARM Motherboard (SBC)
More results


Similar Description - AR6MXS-DEV

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UBC-220 ADVANTECH-UBC-220_16 Datasheet
584Kb / 2P
NXP ARM Cortex-A9 i.MX6 2.5' IoT Gateway
UBC-200 ADVANTECH-UBC-200_16 Datasheet
550Kb / 2P
NXP ARM Cortex-A9 i.MX6 RISC Compact Box Computer
RSB-4411 ADVANTECH-RSB-4411 Datasheet
726Kb / 2P
NXP ARM Cortex-A9 i.MX6 3.5" SBC
ROM-5420 ADVANTECH-ROM-5420 Datasheet
3Mb / 4P
NXP ARM® Cortex®-A9 i.MX6 SMARC v1.1 Module
21-Jun-2022
ROM-7420 ADVANTECH-ROM-7420 Datasheet
3Mb / 4P
NXP ARM® Cortex®-A9 i.MX6 Qseven Module
21-Jun-2022
ROM-7421 ADVANTECH-ROM-7421 Datasheet
3Mb / 4P
NXP ARM Cortex-A9 i.MX6 Qseven 2.0 Module
21-Jun-2022
RSB-3430 ADVANTECH-RSB-3430 Datasheet
692Kb / 2P
NXP Arm® Cortex®-A9 i.MX6 2.5" SBC
29-Mar-2022
logo
BCM Advanced Research.
AR6MXQ-DEV BCM-AR6MXQ-DEV Datasheet
141Kb / 1P
NXP i.MX6 ARM Cortex A9 Quad Core Development Kit
2/17/2016
AR6MXS BCM-AR6MXS Datasheet
660Kb / 1P
NXP i.MX6 Cortex A9 Solo Core ARM Motherboard (SBC)
SMA-IMX6 BCM-SMA-IMX6 Datasheet
262Kb / 1P
NXP i.MX6 ARM Cortex A9 Solo/Dual Lite/Dual/Quad SMARC Module
2020/10/30
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com