Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8191ASTZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD8191ASTZ
Description  4:1 HDMI/DVI Switch with Equalization
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8191ASTZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8191ASTZ Datasheet HTML 15Page - Analog Devices AD8191ASTZ Datasheet HTML 16Page - Analog Devices AD8191ASTZ Datasheet HTML 17Page - Analog Devices AD8191ASTZ Datasheet HTML 18Page - Analog Devices AD8191ASTZ Datasheet HTML 19Page - Analog Devices AD8191ASTZ Datasheet HTML 20Page - Analog Devices AD8191ASTZ Datasheet HTML 21Page - Analog Devices AD8191ASTZ Datasheet HTML 22Page - Analog Devices AD8191ASTZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
AD8191
Rev. 0 | Page 19 of 32
SERIAL INTERFACE CONFIGURATION REGISTERS
The serial interface configuration registers can be read and written using the I2C serial control interface, Pin I2C_SDA, and Pin I2C_SCL.
The least significant bits of the AD8191 I2C part address are set by tying the Pin I2C_ADDR2, Pin I2C_ADDR1, and Pin I2C_ADDR0 to
3.3 V (Logic 1) or 0 V (Logic 0). As soon as the serial control interface is used, the parallel control interface is disabled until the AD8191
is reset as described in the Serial Control Interface section.
Table 5. Serial (I2C) Interface Register Map
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Addr.
Default
High
speed
switch
enable
High speed switching
mode select
High speed source select
High Speed
Device
Modes
HS_EN
HS_SM[1]
HS_SM[0]
HS_CH[3]
HS_CH[2]
HS_CH[1]
HS_CH[0]
0x00
0x40
Auxiliary
switch
enable
Auxiliary switching
mode select
Auxiliary switch source select
Auxiliary
Device
Modes
AUX_EN
AUX_SM[1]
AUX_SM[0]
AUX_CH[3]
AUX_CH[2]
AUX_CH[1]
AUX_CH[0]
0x01
0x40
High speed
input
termination
select
Receiver
Settings
RX_TO
0x10
0x01
Source A and Source B : input termination pulse-on-source switch select
(disconnect termination for a short period of time)
Input
Termination
Pulse 1
RX_PT[7]
RX_PT[6]
RX_PT[5]
RX_PT[4]
RX_PT[3]
RX_PT[2]
RX_PT[1]
RX_PT [0]
0x11
0x00
Source C and Source D: input termination pulse-on-source switch select
(disconnect termination for a short period of time)
Input
Termination
Pulse 2
RX_PT[15]
RX_PT[14]
RX_PT[13]
RX_PT[12]
RX_PT[11]
RX_PT[10]
RX_PT[9]
RX_PT[8]
0x12
0x00
Source A and Source B: input equalization level select
Receive
Equalizer 1
RX_EQ[7]
RX_EQ[6]
RX_EQ[5]
RX_EQ[4]
RX_EQ[3]
RX_EQ[2]
RX_EQ[1]
RX_EQ[0]
0x13
0x00
Source C and Source D: input equalization level select
Receive
Equalizer 2
RX_EQ[15]
RX_EQ[14]
RX_EQ[13]
RX_EQ[12]
RX_EQ[11]
RX_EQ[10]
RX_EQ[9]
RX_EQ[8]
0x14
0x00
High speed output
pre-emphasis level select
High speed
output
termination
select
High speed
output
current level
select
Transmitter
Settings
TX_PE[1]
TX_PE[0]
TX_PTO
TX_OCL
0x20
0x03
HIGH SPEED DEVICE MODES REGISTER
HS_EN: High Speed (TMDS) Channels Enable Bit
Table 6. HS_EN Description
HS_EN
Description
0
High speed channels off, low power/standby mode
1
High speed channels on
HS_SM[1:0]: High Speed (TMDS) Switching Mode
Select Bus
Table 7. HS_SM Description
HS_SM[1:0]
Description
00
Quad mode, 4× [4:1]
01
Dual mode, 2× [8:1]
10
Single mode, 1× [16:1]
11
Illegal value; previous value of HS_SM[1:0]
retained
HS_CH[3:0]: High Speed (TMDS) Switch Source Select Bus
Table 8. Quad Mode, 4× [4:1], High Speed Switch Mapping
HS_CH[3:0]
O[3:0]
Description
XX00
A[3:0]
High Speed Source A switched to
output
XX01
B[3:0]
High Speed Source B switched to
output
XX10
C[3:0]
High Speed Source C switched to
output
XX11
D[3:0]
High Speed Source D switched to
output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com