Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8191ASTZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD8191ASTZ
Description  4:1 HDMI/DVI Switch with Equalization
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8191ASTZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD8191ASTZ Datasheet HTML 20Page - Analog Devices AD8191ASTZ Datasheet HTML 21Page - Analog Devices AD8191ASTZ Datasheet HTML 22Page - Analog Devices AD8191ASTZ Datasheet HTML 23Page - Analog Devices AD8191ASTZ Datasheet HTML 24Page - Analog Devices AD8191ASTZ Datasheet HTML 25Page - Analog Devices AD8191ASTZ Datasheet HTML 26Page - Analog Devices AD8191ASTZ Datasheet HTML 27Page - Analog Devices AD8191ASTZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
AD8191
Rev. 0 | Page 24 of 32
RECEIVER SETTINGS REGISTER
High speed (TMDS) channels input termination is fixed to on
when using the parallel interface.
INPUT TERMINATION PULSE REGISTER 1 AND
REGISTER 2
High speed input (TMDS) channels pulse-on-source switching
fixed to off when using the parallel interface.
RECEIVE EQUALIZER REGISTER 1 AND REGISTER 2
PP_EQ: High Speed (TMDS) Inputs Equalization Level
Select Bit (For All TMDS Input Channels)
The input equalization cannot be set individually (per channel)
when using the parallel interface; one equalization setting
affects all input channels.
Table 28. PP_EQ Description
PP_EQ
Description
0
Low equalization (6 dB)
1
High equalization (12 dB)
TRANSMITTER SETTINGS REGISTER
PP_PE[1:0]: High Speed (TMDS) Output Pre-Emphasis
Level Select Bus (For All TMDS Channels)
Table 29. PP_PE[1:0] Description
PP_PE[1:0]
Description
00
No pre-emphasis (0 dB)
01
Low pre-emphasis (2 dB)
10
Medium pre-emphasis (4 dB)
11
High pre-emphasis (6 dB)
PP_OTO: High Speed (TMDS) Output Termination On/Off
Select Bit (For All TMDS Channels)
Table 30. PP_OTO Description
PP_OTO
Description
0
Output termination off
1
Output termination on
PP_OCL: High Speed (TMDS) Output Current Level Select
Bit (For All TMDS Channels)
Table 31. TX_OCL Description
PP_OCL
Description
0
Output current set to 10 mA
1
Output current set to 20 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com