Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1178-1ARMZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADM1178-1ARMZ-R7
Description  Hot Swap Controller and Digital Power Monitor with AlertB Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1178-1ARMZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADM1178-1ARMZ-R7 Datasheet HTML 1Page - Analog Devices ADM1178-1ARMZ-R7 Datasheet HTML 2Page - Analog Devices ADM1178-1ARMZ-R7 Datasheet HTML 3Page - Analog Devices ADM1178-1ARMZ-R7 Datasheet HTML 4Page - Analog Devices ADM1178-1ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADM1178-1ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADM1178-1ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADM1178-1ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADM1178-1ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADM1178
Preliminary Technical Data
Rev. PrD | Page 4 of 16
Parameter
Min
Typ
Max
Units
Conditions
MONITORING ACCURACY1
Current Sense Absolute Accuracy
TBD
TBD
%
VSENSE = 75 mV
−2.3
+2.2
%
VSENSE = 75 mV, @ 0°C to +70°C
TBD
TBD
%
VSENSE = 50mV
−2.5
+2.5
%
VSENSE = 50 mV, @ 0°C to +70°C
TBD
TBD
%
VSENSE = 25mV
−2.8
+2.8
%
VSENSE = 25mV, @ 0°C to +70°C
−3.5
+3.5
%
VSENSE = 12.5 mV, @ 25°C
Current Sense Accuracy, TC
±0.01
%/°C
VSENSE for ADC full-scale
105
mV
Voltage Sense Accuracy
−1.5
0
+1.5
%
VVCC = 3.0 V to 5.5V(VRANGE = 1)
−1.5
0
+1.5
%
VVCC = 10.8 V to 13.2V(VRANGE = 0)
VCC for ADC full-scale, low range
6.656
V
VRANGE = 1
VCC for ADC full-scale, high range
26.6282
V
VRANGE = 0
I2C Timing3
Low level input voltage, VIL
0.99
V
High level input voltage, VIH
2.31
V
Low level output voltage on SDA, VOL
0.4
V
IOL = 3mA
Output fall time on SDA from VIHMIN to VILMAX
20+0.1CB
250
ns
CB = bus capacitance from SDA to GND
Maximum width of spikes suppressed by input
filtering on SDA and SCL pins
50
250
ns
Input current, II, on SDA/SCL when not driving out
a logic low
−10
+10
µA
Input capacitance on SDA/SCL
5
pF
SCL clock frequency, fSCL
400
kHz
LOW period of the SCL clock
600
ns
HIGH period of the SCL clock
1300
ns
Setup time for a repeated START condition, tSU;STA
600
ns
SDA output data hold time, tHD;DAT
100
ns
Set-up time for a stop condition, tSU;STO
600
ns
Bus free time between a STOP and a START
condition, tBUF
1300
ns
Capacitive load for each bus line
400
pF
1 Monitoring accuracy is a measure of the error in a code that is read back for a particular voltage/current. This is a combination of amplifier error, reference error and
ADC error.
2The maximum operating voltage is limited to VVCC =14 V which corresponds to an ADC code of 871.
3The following conditions apply to all timing specifications: VBUS =3.3V, TA =25°C. All timings refer to VIHMIN and VILMAX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com