Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1178-1ARMZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADM1178-1ARMZ-R7
Description  Hot Swap Controller and Digital Power Monitor with AlertB Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1178-1ARMZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM1178-1ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADM1178-1ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADM1178-1ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADM1178-1ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADM1178-1ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADM1178-1ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADM1178-1ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADM1178-1ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADM1178-1ARMZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Preliminary Technical Data
ADM1178
Rev. PrD | Page 9 of 16
charged up with a 12 μA current source. At timepoint (5) the
threshold voltage of the FET is reached and the load current
begins to flow. The FET is controlled to keep the sense voltage
at 100 mV (this corresponds to a maximum load current level
defined by the value of RSENSE). At timepoint (6) VGATE and VOUT
have reached their full potential and the load current has settled
to its nominal level. Figure 5 illustrates the situation where the
ON pin is asserted after VVCC is applied.
VVCC
VON
VGATE
VOUT
VTIMER
INITIAL TIMING
CYCLE
(1)
(2)
(3) (4) (5)
(6)
VSENSE
Figure 4. Start-up (ON asserts as power is applied)
VVCC
VON
VGATE
VOUT
VTIMER
INITIAL TIMING
CYCLE
(1)
(2)
(3)(4)
(5)(6)
VSENSE
(7)
Figure 5. Start-up (ON asserts after power is applied)
HOTSWAP RETRY CYCLE ON ADM1178-1
With the ADM1178-1 the device will turn off the FET after an
overcurrent fault, and will then use the TIMER pin to time a
delay before automatically retrying to hotswap.
As with all ADM1178 devices, on overcurrent fault is timed by
charging the TIMER cap with a 60 μA pull-up current, and
when the TIMER pin reaches 1.3 V the fault current limit time
has been reached and the GATE pin is pulled down. On the
ADM1178-1, the TIMER pin is then pulled down with a 2 μA
current sink. When the TIMER pin reaches 0.2 V, it will
automatically restart the hotswap operation.
The cool down period is related to CTIMER by equation:
tCOOL ~ = 550 × CTIMER ms/μF
(8)
The retry duty cycle is thus given by
tFAULT/(tCOOL + tFAULT ) × 100% = 3.8%
(9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com