Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4811 Datasheet(PDF) 2 Page - Applied Micro Circuits Corporation

Part # CS4811
Description  Multi Protocol Termination for 2047 Channels
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS4811 Datasheet(HTML) 2 Page - Applied Micro Circuits Corporation

  CS4811 Datasheet HTML 1Page - Applied Micro Circuits Corporation CS4811 Datasheet HTML 2Page - Applied Micro Circuits Corporation CS4811 Datasheet HTML 3Page - Applied Micro Circuits Corporation CS4811 Datasheet HTML 4Page - Applied Micro Circuits Corporation CS4811 Datasheet HTML 5Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Empowering Intelligent Optical Networks
FINAL Product Brief
TIGRIS
OC-48 Multi Protocol Termination for 2047 Channels
Part Number S4811, Rev. 2.4 July 2006
Applications
• Supports Frame Relay, PPP, HDLC as well as ATM
protocols within one device to allow easy software
scalable solutions.
• Dense channelization of fiber connections to client
tributaries (DS1/E1/J1 and DS3/E3) and termination for
data applications in multi-service switches and
Aggregation routers.
• Packet Over SONET application.
• ATM mapping into SONET applications.
• Packet and cell based DSLAM equipment.
• Frame Relay switches and multiplexors.
• ATM or SMDS switches, multiplexors, and routers.
• Internet/Intranet termination equipment.
• Frame Relay inter-networking service for ATM switches
and multiplexors.
• Multiservice platforms supporting a combination of Frame
Relay, Multi Link Frame Relay, Multi Link PPP, IMA, AAL2,
AAL3/4 and AAL5 ATM protocols.
Figure 2: OC-48/4xOC-12/16xOC-3/12xDS3/E3 Channelized Data Termination
EVROS
S1208
NP3700
DANUBE
S4805
TIGRIS
S4811
EVROS
S1208
EVROS
S1208
EVROS
S1208
S3455
OC-48
Industry standard
SPI-3 interface for
Cells and packets
transfer
AMCC Flexible Tributary Interface (FTI)
622MHz BW Supports any valid
combination or mix of the following:
1xSTS12c, 4xSTS3c, 12xSTS1
12DS3/E3, 336DS1/VT1.5, 252E1/VT2
HDLC/ATM controller
2047 channels
of cells or packets
from 56K to 622Mb/s
Supports fractional DS3
Network Processor
Supported Services
- Multilink PPP/FR
- IMA
- AAL5
SONET to PDH framer mapper
1xOC-12/ 4XOC-3 or 12x DS3/E3
336DS1/VT1.5
252E1/VT2
Byte interleaver and
STS-1 pointer processor
1xOC-48
4xOC-12
16xOC-3
S1212
4xOC12
or
16xOC3
DS3/E3
STS-1
LIU
x12
x12
Industry standard
SPI-4.2 interface
for Cells and
packets transfer
12 XDS3/E3
Example shows a channelized OC-48 .
The AMCC EVROS can accept any
combination of up to 12x DS3/E3 LIU interface,
4xOC-3 optical interface or a single OC-12
optical interface over Primary and Protection
Line interface with built in STS-1 granularity
switching
x4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com