Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4811 Datasheet(PDF) 1 Page - Applied Micro Circuits Corporation

Part # CS4811
Description  Multi Protocol Termination for 2047 Channels
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS4811 Datasheet(HTML) 1 Page - Applied Micro Circuits Corporation

  CS4811 Datasheet HTML 1Page - Applied Micro Circuits Corporation CS4811 Datasheet HTML 2Page - Applied Micro Circuits Corporation CS4811 Datasheet HTML 3Page - Applied Micro Circuits Corporation CS4811 Datasheet HTML 4Page - Applied Micro Circuits Corporation CS4811 Datasheet HTML 5Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Empowering Intelligent Optical Networks
FINAL Product Brief
TIGRIS
OC-48 Multi Protocol Termination for 2047 Channels
Part Number S4811, Rev. 2.4 July 2006
FINAL Information - The information contained in this document is
about a product that has been fully tested, characterized, and is produc-
tion released. All features described herein are supported. Contact
AMCC for updates to this document and the latest product status.
FINAL Product Brief
TIGRIS
OC-48 Multi Protocol Termination for 2047 Channels
Part Number S4811, Rev. 2.4 July 2006
Data services and performance monitoring
• Store and forward architecture with extensive buffering using
external DDR SDRAM.
• 2047 bi-directional ATM/HDLC channels that can be
assigned to tributaries from STS-12 to DS0.
• Bit Synchronous HDLC support all channels (DS3 and lower
rate)
• Byte synchronous HDLC support for all channels (STS-1 and
higher rate)
• Direct Map ATM support.
• G.832 E3 ATM support.
• Support for up to 48 DS3 PLCP ATM mapped channels.
• Support for up to 48 Sub-Rate DS3 channels.
FTI-2 line interface
• Four independent STS-12 capable interfaces selectable from
four serial 622 MHz LVDS Flexible Tributary interfaces (FTI-
2) or one Parallel FTI 8-bit x 78MHz Interface. Parallel
Interface is compatible with standard Telecom Bus interfaces.
• An Expansion mode allows multiple TIGRIS devices to share
a single FTI interface (allows up to 8K channels).
• Glueless interface to up to four AMCC Evros framers.
System Interface
• SPI-3 32bit @ 104MHz for cells/packets and error status.
• The SPI-3 supports four interleaved channels (four logical
PHY ports).
• Pre-pended packet tag for channel ID, length, error status,
TX queue priority, and TX per packet loopback.
Device Specifications
• 899 PBGA (31x31mm with 1mm ball pitch) package
• 1.2V core, 2.5V I/O
• Estimated 3W power consumption
TIGRIS is a high density data-termination device supporting 2047 channels operating at an aggregate rate of 2.488Gbps. The
device aggregates and terminates both ATM cells and HDLC frames, enabling ATM services such as Cell Relay, IMA, AAL2/5, and
frame based services, such as PPP, Frame Relay, and Multi-link PPP and Multi-link Frame Relay. The 2047 individually assignable
channels can be configured for Frame Relay, HDLC, PPP, and or ATM services for DS0, NxDS0, DS1/E1, DS3/E3, STS-1c, STS-3c
and STS-12c rates.
TIGRIS supports up to 48 channels of subrate DS3 services interoperating with major CSU/DSU vendors protocols and can be com-
bined with AMCC’s nP3700 to provide AAL2/5, IMA, and Multilink services for all 2047 channels.
Figure 1: Block Diagram
MICROPROCESSOR I/F
QUEUE MANAGER
MEMORY
MANAGER
EXTERNAL
SDRAM
(RX Frame storage)
JTAG PORT
HDLC / ATM
Processor
RECEIVE
FIFO
TRANSMIT
FIFO
TRANSMIT
4X FTI
FRAMER
RECEIVE
4X FTI
FRAMER
TSX
TSOP
TPRTY
TMOD[1:0]
TERR
TEOP
TENB
TFCLK
STPA
PTPA
DTPA[3:0]
TADR[1:0]
RDAT[0:31]
RSX
RSOP
RPRTY
RMOD[1:0]
RERR
REOP
RENB
RVAL
EXTERNAL MEMORY I/F
SUBRATE
DS3
/ DS3
PLCP
FRAMER
ATI SERIAL CLK and
DATA I/F
12
24
EXTERNAL
SDRAM
(TX Frame storage)
RFCLK
TDAT[0:31]
RSA[3:0]
PMON
SERIAL
ATI
INTERFACES
SCLK
PARALLEL 8 BIT @77Mhz
INTERFACE
4 x 622Mhz LVDS
SERIAL INTERFACES
LTX_DATA[7:0]]
LTX_CONTROL_SIGNALS
LRX_DATA[7:0]]
LRX_CONTROL_SIGNALS
LRX_DATA622[3:0]
LRX_CLK622[3:0]
LRX_CONTROL622[3:0]
LTX_DATA622[3:0]
LTX_CLK622[3:0]
LTX_CONTROL622[3:0]
Data services and performance monitoring
• Store and forward architecture with extensive buffering using
external DDR SDRAM.
• 2047 bi-directional ATM/HDLC channels that can be
assigned to tributaries from STS-12 to DS0.
• Bit Synchronous HDLC support all channels (DS3 and lower
rate)
• Byte synchronous HDLC support for all channels (STS-1 and
higher rate)
• Direct Map ATM support.
• G.832 E3 ATM support.
• Support for up to 48 DS3 PLCP ATM mapped channels.
• Support for up to 48 Sub-Rate DS3 channels.
FTI-2 line interface
• Four independent STS-12 capable interfaces selectable from
four serial 622 MHz LVDS Flexible Tributary interfaces (FTI-
2) or one Parallel FTI 8-bit x 78MHz Interface. Parallel
Interface is compatible with standard Telecom Bus interfaces.
• An Expansion mode allows multiple TIGRIS devices to share
a single FTI interface (allows up to 8K channels).
• Glueless interface to up to four AMCC Evros framers.
System Interface
• SPI-3 32bit @ 104MHz for cells/packets and error status.
• The SPI-3 supports four interleaved channels (four logical
PHY ports).
• Pre-pended packet tag for channel ID, length, error status,
TX queue priority, and TX per packet loopback.
Device Specifications
• 899 PBGA (31x31mm with 1mm ball pitch) package
• 1.2V core, 2.5V I/O
• Estimated 3W power consumption
Data Services and Performance Monitoring
• Store and forward architecture with extensive buffering using
external DDR SDRAM.
• 2047 bi-directional ATM/HDLC channels that can be
assigned to tributaries from STS-12 to DS0.
• Bit synchronous HDLC support all channels (DS3 and lower
rate).
• Byte synchronous HDLC support for all channels (STS-1 and
higher rate).
• Direct Map ATM support.
• G.832 E3 ATM support.
• Support for up to 48 DS3 PLCP ATM mapped channels.
• Support for up to 48 sub-rate DS3 channels.
FTI-2 Line Interface
• Four independent STS-12 capable interfaces selectable from
four serial 622 MHz LVDS Flexible Tributary interfaces (FTI-
2) or one Parallel FTI 8-bit x 78MHz Interface. Parallel
Interface is compatible with standard Telecom Bus interfaces.
• An expansion mode allows multiple TIGRIS devices to share
a single FTI interface (allows up to 8K channels).
• Glueless interface to up to four AMCC Evros framers.
System Interface
• SPI-3 32bit @ 104MHz for cells/packets and error status.
• The SPI-3 supports four interleaved channels (four logical
PHY ports).
• Pre-pended packet tag for channel ID, length, error status,
TX queue priority, and TX per packet loopback.
Device Specifications
• 899 PBGA (31x31mm with 1mm ball pitch) package with
Green/RoHS compliant option
• 1.2V core, 2.5V I/O
• 6.0W maximum power consumption


Similar Part No. - CS4811

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4811 CIRRUS-CS4811 Datasheet
354Kb / 24P
Fixed Function Multi-Effects Audio Processor
CS4811-KM CIRRUS-CS4811-KM Datasheet
354Kb / 24P
Fixed Function Multi-Effects Audio Processor
CS4811GTR-01 CIRRUS-CS4811GTR-01 Datasheet
354Kb / 24P
Fixed Function Multi-Effects Audio Processor
CS4811MXR-01 CIRRUS-CS4811MXR-01 Datasheet
354Kb / 24P
Fixed Function Multi-Effects Audio Processor
More results

Similar Description - CS4811

ManufacturerPart #DatasheetDescription
logo
NEC
UPD72001-11 NEC-UPD72001-11 Datasheet
206Kb / 40P
MULTI-PROTOCOL SERIAL CONTROLLERS
logo
Sipex Corporation
SP505AN SIPEX-SP505AN Datasheet
614Kb / 30P
Multi-Protocol Serial Transceivers
logo
Intel Corporation
8274 INTEL-8274 Datasheet
2Mb / 39P
MULTI-PROTOCOL SERIAL CONTROLLER (MPSC)
logo
Texas Instruments
S6700 TI-S6700 Datasheet
91Kb / 3P
Multi-Protocol Transceiver IC
logo
Silicon Touch Technolog...
11-MD142 SITI-11-MD142 Datasheet
190Kb / 11P
Multi-Channels Motor Driver For DSC
11-MD152 SITI-11-MD152 Datasheet
223Kb / 15P
Multi-Channels Motor Driver For DSC
logo
Microchip Technology
ATPL360 MICROCHIP-ATPL360 Datasheet
297Kb / 2P
Multi-Protocol Modem for Power Line Communication
8/17
logo
NXP Semiconductors
CLRC632 NXP-CLRC632 Datasheet
713Kb / 127P
Standard multi-protocol reader solution
Rev. 3.7-27 February 2014
logo
Qorvo, Inc
QPG7015M QORVO-QPG7015M Datasheet
231Kb / 4P
Multi-Protocol Multi-Channel Communications Controller
logo
Silicon Laboratories
MGM240S SILABS-MGM240S Datasheet
2Mb / 64P
MGM240S Multi-Protocol Wireless
Rev. 1.0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com