Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP175ARMZ-1.2-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP175ARMZ-1.2-R7
Description  500 mA, Low Dropout, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP175ARMZ-1.2-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP175ARMZ-1.2-R7 Datasheet HTML 7Page - Analog Devices ADP175ARMZ-1.2-R7 Datasheet HTML 8Page - Analog Devices ADP175ARMZ-1.2-R7 Datasheet HTML 9Page - Analog Devices ADP175ARMZ-1.2-R7 Datasheet HTML 10Page - Analog Devices ADP175ARMZ-1.2-R7 Datasheet HTML 11Page - Analog Devices ADP175ARMZ-1.2-R7 Datasheet HTML 12Page - Analog Devices ADP175ARMZ-1.2-R7 Datasheet HTML 13Page - Analog Devices ADP175ARMZ-1.2-R7 Datasheet HTML 14Page - Analog Devices ADP175ARMZ-1.2-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADP1715/ADP1716
Rev. 0 | Page 11 of 20
ADJUSTABLE OUTPUT VOLTAGE
(ADP1715 ADJUSTABLE)
The ADP1715 adjustable version can have its output voltage
set over a 0.8 V to 5.0 V range. The output voltage is set by
connecting a resistive voltage divider from OUT to ADJ. The
output voltage is calculated using the equation
VOUT = 0.8 V (1 + R1/R2)
(2)
where:
R1 is the resistor from OUT to ADJ.
R2 is the resistor from ADJ to GND.
The maximum bias current into ADJ is 100 nA, so for less
than 0.5% error due to the bias current, use values less than
60 kΩ for R2.
TRACK MODE (ADP1716)
The ADP1716 includes a tracking mode feature. As shown in
Figure 29, if the voltage applied at the TRK pin is less than the
nominal output voltage, OUT is equal to the voltage at TRK.
Otherwise, OUT regulates to its nominal output value.
4
05
VTRK (V)
0
3
2
1
12
34
Figure 29. ADP1716 Output Voltage vs. Tracking Voltage
with Nominal Output Voltage Set to 3 V
For example, consider an ADP1716 with a nominal output
voltage of 3 V. If the voltage applied to its TRK pin is greater
than 3 V, OUT maintains a nominal output voltage of 3 V. If
the voltage applied to TRK is reduced below 3 V, OUT tracks
this voltage. OUT can track the TRK pin voltage from the
nominal value all the way down to 0 V. A voltage divider is
present from TRK to the error amplifier input with a divider
ratio equal to the divider from OUT to the error amplifier.
This sets the output voltage equal to the tracking voltage. Both
divider ratios are set by post-package trim, depending on the
desired output voltage.
ENABLE FEATURE
The ADP1715/ADP1716 use the EN pin to enable and disable
the OUT pin under normal operating conditions. As shown in
Figure 30, when a rising voltage on EN crosses the active
threshold, OUT turns on. When a falling voltage on EN crosses
the inactive threshold, OUT turns off.
1
EN
OUT
VIN = 5V
VOUT = 1.6V
COUT = 2.2µF
ILOAD = 10mA
TIME (1ms/DIV)
Figure 30. ADP1715 Adjustable Typical EN Pin Operation
As can be seen, the EN pin has hysteresis built in. This prevents
on/off oscillations that can occur due to noise on the EN pin as
it passes through the threshold points.
The EN pin active/inactive thresholds are derived from the IN
voltage. Therefore, these thresholds vary with changing input
voltage. Figure 31 shows typical EN active/inactive thresholds
when the input voltage varies from 2.5 V to 5.5 V.
1.4
0.5
2.50
5.50
VIN (V)
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
2.75 3.00 3.25 3.50 3.75 4.00 4.25 4.50 4.75 5.00 5.25
EN INACTIVE
EN ACTIVE
HYSTERESIS
Figure 31. Typical EN Pin Thresholds vs. Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com