Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP175ARMZ-1.2-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP175ARMZ-1.2-R7
Description  500 mA, Low Dropout, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP175ARMZ-1.2-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP175ARMZ-1.2-R7 Datasheet HTML 9Page - Analog Devices ADP175ARMZ-1.2-R7 Datasheet HTML 10Page - Analog Devices ADP175ARMZ-1.2-R7 Datasheet HTML 11Page - Analog Devices ADP175ARMZ-1.2-R7 Datasheet HTML 12Page - Analog Devices ADP175ARMZ-1.2-R7 Datasheet HTML 13Page - Analog Devices ADP175ARMZ-1.2-R7 Datasheet HTML 14Page - Analog Devices ADP175ARMZ-1.2-R7 Datasheet HTML 15Page - Analog Devices ADP175ARMZ-1.2-R7 Datasheet HTML 16Page - Analog Devices ADP175ARMZ-1.2-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADP1715/ADP1716
Rev. 0 | Page 13 of 20
should be aware of the parameters that contribute to junction
temperature changes. These parameters include ambient
temperature, power dissipation in the power device, and thermal
resistances between the junction and ambient air (θJA). The θJA
number is dependent on the package assembly compounds used
and the amount of copper to which the GND pins of the package
are soldered to on the PCB. Table 5 shows typical θJA values of the
8-lead thermally enhanced MSOP package for various PCB
copper sizes.
Table 5.
Copper Size (mm2)
θJA (°C/W)
01
118
100
99
300
77
500
75
700
74
1 Device soldered to minimum size pin traces.
The junction temperature of the ADP1715/ADP1716 can be
calculated from the following equation:
TJ = TA + (PD × θJA)
(3)
where:
TA is the ambient temperature.
PD is the power dissipation in the die, given by
PD = [(VIN – VOUT) × ILOAD] + (VIN × IGND)
(4)
where:
ILOAD is the load current.
IGND is ground current.
VIN and VOUT are input and output voltages, respectively.
Power dissipation due to ground current is quite small and can
be ignored. Therefore, the junction temperature equation
simplifies to the following:
TJ = TA + {[(VIN – VOUT) × ILOAD] × θJA}
(5)
As shown in Equation 5, for a given ambient temperature, input
to output voltage differential, and continuous load current,
there exists a minimum copper size requirement for the PCB to
ensure the junction temperature does not rise above 125°C. The
following figures show junction temperature calculations for
different ambient temperatures, load currents, VIN to VOUT
differentials, and areas of PCB copper.
140
0
05
VIN – VOUT (V)
120
100
80
60
40
20
12
34
1mA
10mA
50mA
100mA
250mA
360mA
500mA
(LOAD CURRENT)
DO NOT OPERATE ABOVE THIS POINT
MAX TJ
Figure 34. 700 mm2 of PCB Copper, TA = 25°C
140
0
05
VIN – VOUT (V)
120
100
80
60
40
20
12
34
1mA
10mA
50mA
100mA
250mA
360mA
500mA
(LOAD CURRENT)
DO NOT OPERATE ABOVE THIS POINT
MAX TJ
Figure 35. 300 mm2 of PCB Copper, TA = 25°C
140
0
05
VIN – VOUT (V)
120
100
80
60
40
20
12
34
1mA
10mA
50mA
100mA
250mA
360mA
500mA
(LOAD CURRENT)
DO NOT OPERATE ABOVE THIS POINT
MAX TJ
Figure 36. 100 mm2 of PCB Copper, TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com