Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M75178P Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M75178P
Description  RS-485 TRANSCEIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M75178P Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M75178P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M75178P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M75178P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M75178P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M75178P Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M75178P Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M75178P Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M75178P Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M75178P Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
MITSUBISHI
〈DIGITAL ASSP〉
M75176P, M75177P
M75178P, M75179P
RS-485 TRANSCEIVER
MITSUBISHI
〈DIGITAL ASSP〉
M75176P, M75177P
M75178P, M75179P
RS-485 TRANSCEIVER
DESCRIPTION
Each of the M75176 to M75179 is a semiconductor IC with a
built-in differential driver and a built-in differential receiver
both of which meet the EIA standards RS-422A and RS-485.
FEATURES
Common
• 5V single power supply
• With output control input (except M75179P)
Driver
•54
Ω terminal resistor connectable between outputs.
• High output impedance at power-OFF time
• Built-in output current limit circuit
Receiver
• High input sensitivity (
±200mV max.)
• Hysteresis input (50mV typ.)
• High input impedance (12k
Ω min.)
• “H” emitted when input is open (failsafe function)
APPLICATION
High-speed data transmission interface for digital equipment
DESCRIPTION OF FUNCTION
The M75176P to M75179P are line interface ICs which meet
EIA standards RS-422A and RS-485, and are suitable for
long-distance, high-speed data transmission.
The M75176P is designed to connect the driver circuit output
and the receiver input to each other internally, and serves as
a line transceiver. The M75177P/M75178P is designed to
connect the receiver circuit output and the driver circuit input
internally, and serves as a line repeater. The M75177P and
M75178P enter the output enabled state with active “H” and
active “L”, respectively. The M75179P is equipped with a
built-in differential driver and a built-in differential receiver. It
does not have an output control input pin but its output im-
pedance at the power-OFF time goes high.
PIN CONFIGURATION (TOP VIEW)
1
2
3
4
M75176P
5
6
7
8
I/O BUS
RECEIVER OUTPUT
CONTROL INPUT
RECEIVER OUTPUT
DRIVER OUTPUT
CONTROL INPUT
DRIVER INPUT
R ←
RE →
DE →
D →
↔ B
↔ A
VCC
GND
1
2
3
4
M75177P
5
6
7
8
RECEIVER INPUT
REPEATER OUTPUT
OUTPUT CONTROL INPUT
DRIVER OUTPUT
T ←
EN →
← B
← A
→ Z
→ Y
VCC
GND
1
2
3
4
M75178P
5
6
7
8
T ←
EN →
← B
← A
→ Z
→ Y
VCC
GND
RECEIVER INPUT
REPEATER OUTPUT
OUTPUT CONTROL INPUT
DRIVER OUTPUT
1
2
3
4
M75179P
5
6
7
8
RECEIVER INPUT
RECEIVER OUTPUT
DRIVER INPUT
DRIVER OUTPUT
R ←
D →
← B
← A
→ Z
→ Y
VCC
GND
Outline 8P4


Similar Part No. - M75178P

ManufacturerPart #DatasheetDescription
logo
MOSDESIGN SEMICONDUCTOR...
M75104 MOSDESIGN-M75104 Datasheet
151Kb / 2P
REMOTE FAN CONTROL
2003-07-21
M75104P MOSDESIGN-M75104P Datasheet
151Kb / 2P
REMOTE FAN CONTROL
2003-07-21
M75110 MOSDESIGN-M75110 Datasheet
166Kb / 8P
PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
2010-07-14
M75118 MOSDESIGN-M75118 Datasheet
197Kb / 6P
IONIZATION SMOKE DETECTOR WITH INTERCONNECT
2007-07-27
M75118P MOSDESIGN-M75118P Datasheet
197Kb / 6P
IONIZATION SMOKE DETECTOR WITH INTERCONNECT
2007-07-27
More results

Similar Description - M75178P

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP334 SIPEX-SP334 Datasheet
155Kb / 12P
Programmable RS-232/RS-485 Transceiver
logo
Texas Instruments
SN65HVD82 TI1-SN65HVD82 Datasheet
466Kb / 23P
Robust RS-485 Transceiver
logo
Analog Devices
ADM2483 AD-ADM2483_15 Datasheet
322Kb / 20P
Isolated RS-485 Transceiver
REV. C
ADM3485E AD-ADM3485E_15 Datasheet
303Kb / 16P
EIA RS-485/RS-422 Transceiver
Rev. D
logo
Exar Corporation
SP335E EXAR-SP335E Datasheet
356Kb / 22P
RS-232/RS-485/RS-422 TRANSCEIVER
SP338E EXAR-SP338E Datasheet
1Mb / 25P
RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER
logo
Shanghai Leiditech Elec...
SP3085 LEIDITECH-SP3085 Datasheet
2Mb / 10P
RS-485 RS422 Transceiver
Rev 1.6 : 01.01.2022
SP3485 LEIDITECH-SP3485 Datasheet
2Mb / 9P
RS-485 RS422 Transceiver
Rev 1.6 : 01.01.2022
SP485 LEIDITECH-SP485 Datasheet
2Mb / 10P
RS-485 RS422 Transceiver
Rev 1.6 : 01.01.2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com