Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M75178P Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M75178P
Description  RS-485 TRANSCEIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M75178P Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M75178P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M75178P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M75178P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M75178P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M75178P Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M75178P Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M75178P Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M75178P Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M75178P Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
MITSUBISHI
〈DIGITAL ASSP〉
M75176P, M75177P
M75178P, M75179P
RS-485 TRANSCEIVER
FUNCTION TABLE (Note 1)
(a) M75176P
Driver
Receiver
D
H
L
X
DE
H
H
L
A
H
L
Z
B
L
H
Z
INPUTS
OUTPUTS
VID
VID > 0.2V
–0.2V < VID < 0.2V
VID < –0.2V
X
INPUTS
OUTPUTS
R
H
V
L
Z
RE
L
L
L
H
VID
VID > 0.2V
–0.2V < VID < 0.2V
VID < –0.2V
X
INPUTS
(b) M75177P/M75178P
OUTPUTS
EN (M75177P)
H
H
H
L
EN (M75178P)
L
L
L
H
T
H
V
L
Z
Y
H
V
L
Z
Z
L
V
H
Z
Z
L
H
INPUTS
D
H
L
OUTPUTS
INPUTS
VID
VID > 0.2V
–0.2V < VID < 0.2V
VID < –0.2V
OUTPUTS
R
H
V
L
(c) M75179P
Driver
Receiver
Y
H
L
Note 1: VID : (A applied voltage) – (B applied voltage)
X : Either “L” or “H”
V : Output state is not defined.
Z
: High impedance state.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com