Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPQ3115BVS Datasheet(PDF) 36 Page - NXP Semiconductors

Part # FXPQ3115BVS
Description  I2C precision pressure sensor with altimetry
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPQ3115BVS Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button FXPQ3115BVS Datasheet HTML 32Page - NXP Semiconductors FXPQ3115BVS Datasheet HTML 33Page - NXP Semiconductors FXPQ3115BVS Datasheet HTML 34Page - NXP Semiconductors FXPQ3115BVS Datasheet HTML 35Page - NXP Semiconductors FXPQ3115BVS Datasheet HTML 36Page - NXP Semiconductors FXPQ3115BVS Datasheet HTML 37Page - NXP Semiconductors FXPQ3115BVS Datasheet HTML 38Page - NXP Semiconductors FXPQ3115BVS Datasheet HTML 39Page - NXP Semiconductors FXPQ3115BVS Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
NXP Semiconductors
FXPQ3115BVS
I2C precision pressure sensor with altimetry
Bit
Symbol
Description
4
INT_EN_TW
Interrupt enable.
0 — Temperature window interrupt disabled (reset value)
1 — Temperature window interrupt enabled
3
INT_EN_PTH
Interrupt enable.
0 — Pressure threshold interrupt disabled (reset value)
1 — Pressure threshold interrupt enabled
2
INT_EN_TTH
Interrupt enable.
0 — Temperature threshold interrupt disabled (reset value)
1 — Temperature threshold interrupt enabled
1
INT_EN_PCHG
Interrupt enable.
0 — Pressure change interrupt disabled (reset value)
1 — Pressure change interrupt enabled
0
INT_EN_TCHG
Interrupt enable.
0 — Temperature change interrupt disabled (reset value)
1 — Temperature change interrupt enabled
Table 52. CTRL_REG4 - interrupt enable register (address 29h) bit description...continued
14.22.5 CTRL_REG5 - interrupt configuration register (address 2Ah)
Bit
7
6
5
4
3
2
1
0
Symbol
INT_CFG_DRDY INT_CFG_FIFO INT_CFG_PW INT_CFG_TW INT_CFG_PTH INT_CFG_TTH INT_CFG_PCHG INT_CFG_TCHG
Reset
0
0
0
0
0
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 53. CTRL_REG5 - interrupt configuration register (address 2Ah) bit allocation
Bit
Symbol
Description
7
INT_EN_DRDY
INT1/INT2 configuration.
0 — Interrupt is routed to INT2 pin (reset value)
1 — Interrupt is routed to INT1
6
INT_CFG_FIFO
INT1/INT2 configuration.
0 — Interrupt is routed to INT2 pin (reset value)
1 — Interrupt is routed to INT1
5
INT_CFG_PW
INT1/INT2 configuration.
0 — Interrupt is routed to INT2 pin (reset value)
1 — Interrupt is routed to INT1
4
INT_CFG_TW
INT1/INT2 configuration.
0 — Interrupt is routed to INT2 pin (reset value)
1 — Interrupt is routed to INT1
Table 54. CTRL_REG5 - interrupt configuration register (address 2Ah) bit description
FXPQ3115BVS
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 8 May 2023
36 / 49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com