Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPQ3115BVS Datasheet(PDF) 8 Page - NXP Semiconductors

Part # FXPQ3115BVS
Description  I2C precision pressure sensor with altimetry
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPQ3115BVS Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button FXPQ3115BVS Datasheet HTML 4Page - NXP Semiconductors FXPQ3115BVS Datasheet HTML 5Page - NXP Semiconductors FXPQ3115BVS Datasheet HTML 6Page - NXP Semiconductors FXPQ3115BVS Datasheet HTML 7Page - NXP Semiconductors FXPQ3115BVS Datasheet HTML 8Page - NXP Semiconductors FXPQ3115BVS Datasheet HTML 9Page - NXP Semiconductors FXPQ3115BVS Datasheet HTML 10Page - NXP Semiconductors FXPQ3115BVS Datasheet HTML 11Page - NXP Semiconductors FXPQ3115BVS Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
NXP Semiconductors
FXPQ3115BVS
I2C precision pressure sensor with altimetry
VDD = 2.5 V, T = 25 °C, over 50 kPa to 110 kPa, unless otherwise noted.
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Relative accuracy during
pressure change between
70 kPa to 110 kPa at any
constant temperature
between −10 °C to 50 °C
––
±0.05
––
kPa
Pressure relative accuracy
Relative accuracy during
changing temperature
between −10 °C to 50 °C
at any constant pressure
between 50 kPa to 110 kPa
––
±0.1
––
kPa
Barometer mode
0.25
1.5
––
Pa
Pressure/altitude resolution
[2] [3] [4]
Altimeter mode
0.0625
0.3
––
m
One-shot mode
––
100
––
Hz
Output data rate
FIFO mode
––
––
1
Hz
Board mount drift
After solder reflow
–0.45
±0.15
0.45
kPa
Long-term drift
After a period of 1 year
–0.3
±0.1
0.3
kPa
Temperature sensor
TFS
Measurement range
––
–40
––
+85
°C
@25 °C
––
±1
––
°C
Temperature accuracy
Over temperature range
––
±3
––
°C
TOP
Operating temperature range ––
–40
––
+85
°C
Table 5. Mechanical characteristics...continued
[1]
Oversample (OSR) modes internally combine and average samples to reduce noise.
[2]
Smallest bit change in register represents minimum value change in Pascals or meters. Typical resolution to signify change in altitude is 0.3 m.
[3]
Reference pressure = 101.325 kPa (sea level).
[4]
At 128x oversample ratio.
9.4 Electrical characteristics
@ VDD = 2.5 V, T = 25 °C unless otherwise noted.
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VDDIO
I/O supply voltage
—
1.62
1.8
3.6
V
VDD
Operating supply voltage
—
1.95
2.5
3.6
V
Highest speed mode
oversample = 1
—
8.5
—
µA
Standard mode oversample
= 16
—
40
—
µA
IDD
Integrated current 1 update
per second
High-resolution mode
oversample = 128
—
265
—
µA
IDDMAX
Max current during
acquisition and conversion
During acquisition/
conversion
—
2
—
mA
Table 6. Electrical characteristics
FXPQ3115BVS
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 8 May 2023
8 / 49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com