Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL3115A2ST1 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # MPL3115A2ST1
Description  I2C precision pressure sensor with altimetry
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPL3115A2ST1 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button MPL3115A2ST1 Datasheet HTML 25Page - NXP Semiconductors MPL3115A2ST1 Datasheet HTML 26Page - NXP Semiconductors MPL3115A2ST1 Datasheet HTML 27Page - NXP Semiconductors MPL3115A2ST1 Datasheet HTML 28Page - NXP Semiconductors MPL3115A2ST1 Datasheet HTML 29Page - NXP Semiconductors MPL3115A2ST1 Datasheet HTML 30Page - NXP Semiconductors MPL3115A2ST1 Datasheet HTML 31Page - NXP Semiconductors MPL3115A2ST1 Datasheet HTML 32Page - NXP Semiconductors MPL3115A2ST1 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
NXP Semiconductors
MPL3115A2S
I2C precision pressure sensor with altimetry
Bit
Symbol
Description
7 to 3
reserved
These bits are reserved
2
DREM
Data ready event mode.
0 — Event detection disabled (reset value) If the DREM bit is cleared logic '0' and one or
more of the data ready event flags are enabled, then an event flag will be raised whenever
the system acquires a new set of data.
1 — Generate data ready event flag on new pressure/altitude or temperature data. If the
DREM bit is set logic '1' and one or more of the data ready event flags (PDEFE, TDEFE) are
enabled, then an event flag will be raised upon change in state of the data.
1
PDEFE
Data event flag enable on new pressure/altitude
0 — Event detection disabled (reset value)
1 — Raise event flag on new pressure/altitude data
0
TDEFE
Data event flag enable on new temperature data.
0 — Event detection disabled (reset value)
1 — Raise event flag on new temperature data
Table 34.  PT_DATA_CFG - sensor data register (address13h) bit description
14.13 BAR_IN_MSB, BAR_IN_LSB - barometric pressure input register (address 14h,
15h)
Barometric input for altitude calculations. Input is equivalent to sea level pressure for measurement location.
Value is input in 2 Pa units.
Units are input as unsigned 16-bit integers. The default value is 101,326 Pa. The default value can be changed
by writing to this register.
Location
Bit
Address Register
7
6
5
4
3
2
1
0
14h
BAR_IN_MSB
BAR[15:8]
15h
BAR_IN_LSB
BAR[7:0]
Reset MSB
Reset LSB
1
1
1
1
0
1
0
0
0
0
1
1
0
1
1
1
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 35. BAR_IN_MSB, BAR_IN_LSB - barometric pressure input register (address 14h, 15h) bit allocation
14.14 P_TGT_MSB, P_TGT_LSB - pressure/altitude target value register (address 16h,
17h)
Altitude or pressure target value.
Depending on the setting of the ALT bit in the CTRL_REG1 register, it operates in either altimeter or barometer
mode. This value works in conjunction with the window value (P_WND_MSB and P_WND_LSB). In altitude
mode, the register value is 16-bit signed integer in meters.
In pressure mode, the value is a 16-bit unsigned value in 2 Pa units.
MPL3115A2S
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.4 — 8 May 2023
29 / 49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com