Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL3115A2ST1 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MPL3115A2ST1
Description  I2C precision pressure sensor with altimetry
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPL3115A2ST1 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MPL3115A2ST1 Datasheet HTML 3Page - NXP Semiconductors MPL3115A2ST1 Datasheet HTML 4Page - NXP Semiconductors MPL3115A2ST1 Datasheet HTML 5Page - NXP Semiconductors MPL3115A2ST1 Datasheet HTML 6Page - NXP Semiconductors MPL3115A2ST1 Datasheet HTML 7Page - NXP Semiconductors MPL3115A2ST1 Datasheet HTML 8Page - NXP Semiconductors MPL3115A2ST1 Datasheet HTML 9Page - NXP Semiconductors MPL3115A2ST1 Datasheet HTML 10Page - NXP Semiconductors MPL3115A2ST1 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
NXP Semiconductors
MPL3115A2S
I2C precision pressure sensor with altimetry
Symbol
Characteristic
Value
Unit
Pmax
Maximum applied pressure
500
kPa
VDD
Supply voltage
−0.3 to 3.6
V
VDDIO
Interface supply voltage
−0.3 to 3.6
V
VIN
Input voltage on any control pin (SCL, SDA)
−0.3 to VDDIO + 0.3
V
TOP
Operating temperature range
−40 to +85
°C
TSTG
Storage temperature range
−40 to +125
°C
Table 3. Maximum ratings
Symbol
Rating
Value
Unit
HBM
Human body model
±2000
V
CDM
Charge device model
±500
V
—
Latchup current at T = 85 °C
±100
mA
Table 4. ESD and latchup protection characteristics
Caution
This device is sensitive to mechanical shock. Improper handling can cause permanent damage to the part or
cause the part to otherwise fail.
Caution
msc896
This device is sensitive to ElectroStatic Discharge (ESD). Observe precautions for handling electrostatic
sensitive devices.
Such precautions are described in the ANSI/ESD S20.20, IEC/ST 61340-5, JESD625-A, or equivalent
standards.
9.3 Mechanical characteristics
VDD = 2.5 V, T = 25 °C, over 50 kPa to 110 kPa, unless otherwise noted.
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Pressure sensor
Calibrated range
50
––
110
kPa
PFS
Measurement range
Operational range
20
––
110
kPa
1x oversample
––
19
––
Pa RMS
Pressure reading noise [1]
128x oversample
––
1.5
––
Pa RMS
50 kPa to 110 kPa over 0 °C
to 50 °C
–0.4
––
0.4
kPa
Pressure absolute accuracy
50 kPa to 110 kPa over−10
°C to 70 °C
––
±0.4
––
kPa
Table 5. Mechanical characteristics
MPL3115A2S
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.4 — 8 May 2023
7 / 49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com