Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCAL9714HNMP Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PCAL9714HNMP
Description  Ultra low-voltage translating 14-bit SPI I/O expander with Agile I/O features, interrupt output, and reset
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9714HNMP Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PCAL9714HNMP Datasheet HTML 18Page - NXP Semiconductors PCAL9714HNMP Datasheet HTML 19Page - NXP Semiconductors PCAL9714HNMP Datasheet HTML 20Page - NXP Semiconductors PCAL9714HNMP Datasheet HTML 21Page - NXP Semiconductors PCAL9714HNMP Datasheet HTML 22Page - NXP Semiconductors PCAL9714HNMP Datasheet HTML 23Page - NXP Semiconductors PCAL9714HNMP Datasheet HTML 24Page - NXP Semiconductors PCAL9714HNMP Datasheet HTML 25Page - NXP Semiconductors PCAL9714HNMP Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
NXP Semiconductors
PCAL9714
Ultra low-voltage translating 14-bit SPI I/O expander with Agile I/O features, interrupt output, and
reset
P0_1
~
P1_5
Filtered
P0_1 ~ P1_5
(internal)
tDP
aaa-031778
tDP = [PERIOD of EXT CLOCK] * [Debounce counter(5C)] = 1 μs * 10 = 10 μs (if external clock = 1 MHz, debounce count
register (5Ch) = 0Ah)
Figure 8. Switch debounce timing
6.10 Bus transactions
The PCAL9714 is an SPI bus slave device. Data is exchanged between the master and PCAL9714 through
read and write commands using the SPI bus.
6.10.1 SPI interface (addressable SPI)
This SPI interface of the PCAL9714 is called Global Chip Select or Addressable SPI.
This is a slave-only SPI and not fully duplex, that is, it cannot read/write at the same time.
The SPI interface consists of four pins CS SCLK, SDIN and SDOUT. Table 43 shows the pin names and
description for the SPI interface.
SPI pin name
Pin description
CS
Chip Select input (sometimes called SS).
The chip select line selects the slave device by the host processor (bus
master). If multiple slave devices are connected to the same CS signal all the connected slaves
are selected. Slave devices that are not selected do not interfere with the SPI bus activity. This
signal is sometimes called SS or Slave Select. This is an active LOW signal.
SCLK
Serial clock input.
SCLK is the serial clock input to the device. This clock synchronizes shifting and sampling of the
information on the two data lines. It should be in its idle
state (LOW) during the falling and rising edge of CS.
SDIN
Serial data input (sometimes called MOSI).
Serial Data Input. Data is sampled into the shift register on the rising edge of
SCLK. The device ignores all activity on SDIN except when CS is asserted (LOW). This signal is
sometimes called MOSI or Master Out, Slave In.
SDOUT
Serial data output (sometimes called MISO).
Serial Data Output. SDOUT is always high-impedance except when a
valid slave is addressed with R/W set to one and a valid register address is specified. SDOUT is
driven on the falling edge of SCLK. This signal is sometimes called MISO or Master In, Slave Out.
Table 43. SPI pins
This SPI implementation allows multiple slaves to be connected to the same CS with each slave identified
using a unique slave address. PCAL9714 supports only one address pin or 4 slave addresses, as shown in
Section 6.1.
The data transfers are [16 + (N × 8)] bits wide for N bytes of data with MSB transferred first. The first 7 bits
indicate the address of the slave to be accessed, the eighth bit indicates the types of access (read or write), the
next 8 bits specify the register address, and the last N × 8 bits consist of data.
PCAL9714
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.0 — 1 May 2023
22 / 56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com