Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCAL9714HNMP Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCAL9714HNMP
Description  Ultra low-voltage translating 14-bit SPI I/O expander with Agile I/O features, interrupt output, and reset
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9714HNMP Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCAL9714HNMP Datasheet HTML 3Page - NXP Semiconductors PCAL9714HNMP Datasheet HTML 4Page - NXP Semiconductors PCAL9714HNMP Datasheet HTML 5Page - NXP Semiconductors PCAL9714HNMP Datasheet HTML 6Page - NXP Semiconductors PCAL9714HNMP Datasheet HTML 7Page - NXP Semiconductors PCAL9714HNMP Datasheet HTML 8Page - NXP Semiconductors PCAL9714HNMP Datasheet HTML 9Page - NXP Semiconductors PCAL9714HNMP Datasheet HTML 10Page - NXP Semiconductors PCAL9714HNMP Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
NXP Semiconductors
PCAL9714
Ultra low-voltage translating 14-bit SPI I/O expander with Agile I/O features, interrupt output, and
reset
Symbol
Pin
Description
P1_5[2]
15
Port 1 input/output 5.
CS
16
SPI chip select.
SDOUT
17
SPI serial data output.
ADDR
18
Address input. Connect directly to VDD(P) or ground.
SCLK
19
SPI clock.
SDIN
20
SPI serial data input.
VDD(P)
21
Supply voltage of PCAL9714 for Port P.
Table 3. Pin description...continued
[1]
Pins P0_0 to P0_7 correspond to bits P0.0 to P0.7. At power-on, all I/O are configured as input.
[2]
Pins P1_0 to P1_5 correspond to bits P1.0 to P1.5. At power-on, all I/O are configured as input.
PCAL9714
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.0 — 1 May 2023
7 / 56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com