Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLTS113 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SLTS113
Description  12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SLTS113 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SLTS113 Datasheet HTML 1Page - List of Unclassifed Manufacturers SLTS113 Datasheet HTML 2Page - List of Unclassifed Manufacturers SLTS113 Datasheet HTML 3Page - List of Unclassifed Manufacturers SLTS113 Datasheet HTML 4Page - List of Unclassifed Manufacturers SLTS113 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
PT6910 Series
Standard Application
Ordering Information
+5V Input
+3.3V Input
Vout
PT6911
o PT6914q = –2.0V
PT6912
o PT6915q = –5.2V
PT6913
q
= –1.5V
Cin = Required 330µF electrolytic
Cout = Required 330µF electrolytic
• Single-Device: +5V/3.3V input
• Remote Sense
• +5V & +3.3V Input Voltage
• Adjustable Output Voltage
• 23-pin Space-Saving Package
• Solderable Copper Case
The PT6910 series is a series of
high performance 12 watt, plus to minus
voltage convertors that are designed to
power the latest ECL (–5.2V) and
Pin Function
1
Do not connect
2Vout Adjust
3Vin
4Vin
5Vin
6Vin
7Vin
8
Remote Sense GND
9
GND
10
GND
11
GND
12
GND
Pin
Function
13
GND
14
GND
15
GND
16
Vout
17
Vout
18
Vout
19
Vout
20
Vout
21
Vout
22
Remote Sense Vout
23
Do not connect
Pin-Out Information
GaAs (-2.0V) ICs from an existing
+5.0V or +3.3V source.
These regulators are similar to
the popular PT6900 series with the
added feature of Power Trends’ unique
solderable copper case.
A 330µF electrolytic capacitor is
required on both the input and output
for proper operation. Also note that
this product does not include short-
circuit protection.
(For dimensions and PC board layout,
see Package Styles 1300 and 1310.)
Cout
Cin
PT6900
16-21
9-15
3-7
2
V
ADJ
-V
OUT
GND
GND
+V
IN
+
+
22
Remote Sense
Remote Sense
8
PT Series Suffix (PT1234X)
Case/Pin
Configuration
Vertical Through-Hole
N
Horizontal Through-Hole
A
Horizontal Surface Mount
C
PT6910
Specifications
Characteristics
PT6910 SERIES
(Ta= 25°C unless noted)
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
Ta = +25°C, natural convection
Vin =5.0V
Vo = –2.0V / –1.5V
0.1 (1)
—
6.0 (2)
A
Vo = –5.2V
0.1 (1)
—
3.5 (2)
Vin =3.3V
Vo = –2.0V
0.1 (1)
—
5.0 (2)
A
Vo = –5.2V
0.1 (1)
—
2.5 (2)
A
Input Voltage Range
0.1A
≤ Io ≤ Imax
PT6911 PT6912/PT6913
4.5
—
5.5
PT6914/PT6915
3.1
—
3.6
V
Output Voltage Tolerance
∆Vo
Nominal Vin, Io = Imax
Vo – 0.05
—
Vo + 0.05
V
0°C
≤ Ta ≤ +60°C
Output Adjust Range
Vo
Pin 14 to Vo or GND
Vo = –2.0V
–1.4
—
–4.4
Vo = –5.2V
–2.7
—
–6.5
V
Vo = –1.5V
–1.2
—
–3.4
Line Regulation
Regline
Over Vin range, Io =Imax
—
±0.5
±1.0
%
Load Regulation
Regload
Vin =Vnom, 0.1 ≤ Io ≤ Imax
—
±0.5
±1.0
%
Vo Ripple/Noise
Vn
Vin = Vnom, Io =Imax
Vo = –1.5V / –2.0V
—
40
—
mV
Vo = –5.2V
—
50
—
Transient Response
ttr
Io step between 0.5xImax and Imax
—
200
—
µSec
with Cout = 330µF
Vos
Vo over/undershoot
—
200
—
mV
Efficiency
η
Vin =+5V, Io =0.5xImax
Vo = –1.5V
—
65
—
Vo = –2.0V
—
70
—
%
Vo = –5.2V
—
77
—
Vin = +3.3V, Io =0.5xImax
Vo = –2.0V
—
67
—
%
Vo = –5.2V
—
75
—
Switching Frequency
ƒo
Over Vin and Io ranges
500
—
600
kHz
Absolute Maximum
Ta
0
—
+85 (2)
°C
Operating Temperature Range
Recommended Operating
Ta
Over Vin Range
0
—
+60
°C
Temperature Range
Storage Temperature
Ts
-40
—
+125
°C
Weight
—
Vertical/Horizontal
—
26
—
grams
Notes:
(1) ISR-will operate down to no load with reduced specifications.
(2) See Safe Operating Area curves, or consult the factory for the appropriate derating.
Patent pending on package assembly
12 Watt 5V/3.3V Input
Plus to Minus Voltage Converter
SLTS113
(Revised 11/30/2000)


Similar Part No. - SLTS113

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLTS115 TI1-SLTS115 Datasheet
183Kb / 4P
Switching Regulator
SLTS116 TI-SLTS116 Datasheet
160Kb / 3P
32 Amp Programmable Integrated Switching Regulator
More results

Similar Description - SLTS113

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TCM680 TELCOM-TCM680 Datasheet
96Kb / 7P
5V TO 짹10V VOLTAGE CONVERTER
logo
Texas Instruments
PT6900 TI-PT6900 Datasheet
188Kb / 5P
12 WATT PLUS TO MINUS VOLTAGE CONVERTER
PT78NR100 TI-PT78NR100 Datasheet
218Kb / 3P
1 AMP PLUS TO MINUS VOLTAGE INTEGRATED SWITCHING REGULATOR
PT6915 TI-PT6915 Datasheet
107Kb / 5P
12 Watt 5V/3.3V Input Plus to Minus Voltage Converter SLTS113
SLTS058B TI-SLTS058B Datasheet
178Kb / 6P
1 Amp Plus to Minus Voltage Integrated Switching Regulator
PT78NR200 TI-PT78NR200 Datasheet
62Kb / 2P
10-12W Plus to Minus Voltage Integrated Switching Regulator
logo
Microchip Technology
TCM680 MICROCHIP-TCM680 Datasheet
334Kb / 18P
5V To 짹10V Voltage Converter
2005
logo
Texas Instruments
PT6910 TI-PT6910 Datasheet
131Kb / 7P
12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
logo
C&D Technologies
S111-0320XYZ-BB CANDD-S111-0320XYZ-BB Datasheet
370Kb / 9P
DC/DC Converter 3.3V input, 0.8 to 2.5V output, 10A; 5V input, 1.0 to 3.3V output, 10A
logo
Texas Instruments
PT6905A TI1-PT6905A Datasheet
439Kb / 7P
12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com