Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF545C Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BF545C
Description  N-channel silicon junction field-effect transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF545C Datasheet(HTML) 2 Page - NXP Semiconductors

  BF545C Datasheet HTML 1Page - NXP Semiconductors BF545C Datasheet HTML 2Page - NXP Semiconductors BF545C Datasheet HTML 3Page - NXP Semiconductors BF545C Datasheet HTML 4Page - NXP Semiconductors BF545C Datasheet HTML 5Page - NXP Semiconductors BF545C Datasheet HTML 6Page - NXP Semiconductors BF545C Datasheet HTML 7Page - NXP Semiconductors BF545C Datasheet HTML 8Page - NXP Semiconductors BF545C Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1996 Jul 29
2
Philips Semiconductors
Product specification
N-channel silicon junction
field-effect transistors
BF545A; BF545B; BF545C
FEATURES
• Low leakage level (typ. 500 fA)
• High gain
• Low cut-off voltage (max. 2.2 V for BF545A).
APPLICATIONS
• Impedance converters in e.g. electret microphones and
infra-red detectors
• VHF amplifiers in oscillators and mixers.
DESCRIPTION
N-channel symmetrical silicon junction field-effect
transistors in a SOT23 package.
PINNING - SOT23
PIN
SYMBOL
DESCRIPTION
1
s
source
2
d
drain
3
g
gate
Fig.1 Simplified outline and symbol.
Marking codes:
BF545A: M65.
BF545B: M66.
BF545C: M67.
handbook, halfpage
s
d
g
21
3
MAM036
Top view
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage
−±30
V
VGSoff
gate-source cut-off voltage
ID =1 µA; VDS =15V
−0.4
−7.8
V
IDSS
drain current
VGS = 0; VDS =15V
BF545A
2
6.5
mA
BF545B
6
15
mA
BF545C
12
25
mA
Ptot
total power dissipation
up to Tamb =25 °C
−
250
mW
y
fs
forward transfer admittance
VGS = 0; VDS = 15 V
3
6.5
mS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com