Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF545C Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BF545C
Description  N-channel silicon junction field-effect transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF545C Datasheet(HTML) 4 Page - NXP Semiconductors

  BF545C Datasheet HTML 1Page - NXP Semiconductors BF545C Datasheet HTML 2Page - NXP Semiconductors BF545C Datasheet HTML 3Page - NXP Semiconductors BF545C Datasheet HTML 4Page - NXP Semiconductors BF545C Datasheet HTML 5Page - NXP Semiconductors BF545C Datasheet HTML 6Page - NXP Semiconductors BF545C Datasheet HTML 7Page - NXP Semiconductors BF545C Datasheet HTML 8Page - NXP Semiconductors BF545C Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1996 Jul 29
4
Philips Semiconductors
Product specification
N-channel silicon junction
field-effect transistors
BF545A; BF545B; BF545C
THERMAL CHARACTERISTICS
Note
1. Device mounted on an FR4 printed-circuit board, maximum lead length 4 mm; mounting pad for the drain
lead 10 mm2.
STATIC CHARACTERISTICS
Tj =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient; note 1
500
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V(BR)GSS
gate-source breakdown voltage IG = −1 µA; VDS =0
−30
−−
V
VGSoff
gate-source cut-off voltage
ID = 200 µA; VDS =15V
BF545A
−0.4
−−2.2
V
BF545B
−1.6
−−3.8
V
BF545C
−3.2
−−7.8
V
ID =1 µA; VDS =15V
−0.4
−−7.5
V
IDSS
drain current
VGS = 0; VDS =15V
BF545A
2
−
6.5
mA
BF545B
6
−
15
mA
BF545C
12
−
25
mA
IGSS
gate leakage current
VGS = −20 V; VDS =0
−−0.5
−1000
pA
VGS = −20 V; VDS =0;
Tj = 125 °C
−−−100
nA
yfs
forward transfer admittance
VGS = 0; VDS =15V
3
−
6.5
mS
yos
common source output
admittance
VGS = 0; VDS =15V
−
40
−µS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com