Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8666ARMZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8666ARMZ-R2
Description  16 V, 4 MHz Rail-to-Rail Output Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8666ARMZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8666ARMZ-R2 Datasheet HTML 3Page - Analog Devices AD8666ARMZ-R2 Datasheet HTML 4Page - Analog Devices AD8666ARMZ-R2 Datasheet HTML 5Page - Analog Devices AD8666ARMZ-R2 Datasheet HTML 6Page - Analog Devices AD8666ARMZ-R2 Datasheet HTML 7Page - Analog Devices AD8666ARMZ-R2 Datasheet HTML 8Page - Analog Devices AD8666ARMZ-R2 Datasheet HTML 9Page - Analog Devices AD8666ARMZ-R2 Datasheet HTML 10Page - Analog Devices AD8666ARMZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8665/AD8666/AD8668
Rev. A | Page 7 of 16
100
0
1k
4M
FREQUENCY (Hz)
10k
100k
1M
80
60
40
20
VDD = 16V
TA = 25°C
PSRR–
PSRR+
80
–20
1k
10M
FREQUENCY (Hz)
10k
100k
1M
60
40
20
0
0
225
45
90
135
180
VDD = 16V
RL = 2kΩ
CL = 10pF
ФM = 73°
GAIN
PHASE
Figure 16. Power Supply Rejection Ratio vs. Frequency
Figure 13. Open-Loop Gain and Phase vs. Frequency
100
1
10
10k
FREQUENCY (Hz)
100
1k
10
VDD = 5V TO 16V
TA = 25°C
1000
0.01
100
10M
FREQUENCY (Hz)
1k
10k
100k
1M
0.1
1
10
100
AV = +100
VDD = 16V
AV = +1
AV = +10
Figure 17. Voltage Noise Density vs. Frequency
Figure 14. Closed-Loop Output Impedance vs. Frequency
TIME (1s/DIV)
VDD = 5V TO 16V
TA = 25°C
120
0
1k
4M
FREQUENCY (Hz)
10k
100k
1M
100
80
60
40
20
VDD = 16V
TA = 25°C
Figure 15. Common-Mode Rejection Ratio vs. Frequency
Figure 18. 0.1 Hz to 10 Hz Voltage Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com