Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8666ARMZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8666ARMZ-R2
Description  16 V, 4 MHz Rail-to-Rail Output Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8666ARMZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8666ARMZ-R2 Datasheet HTML 6Page - Analog Devices AD8666ARMZ-R2 Datasheet HTML 7Page - Analog Devices AD8666ARMZ-R2 Datasheet HTML 8Page - Analog Devices AD8666ARMZ-R2 Datasheet HTML 9Page - Analog Devices AD8666ARMZ-R2 Datasheet HTML 10Page - Analog Devices AD8666ARMZ-R2 Datasheet HTML 11Page - Analog Devices AD8666ARMZ-R2 Datasheet HTML 12Page - Analog Devices AD8666ARMZ-R2 Datasheet HTML 13Page - Analog Devices AD8666ARMZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD8665/AD8666/AD8668
Rev. A | Page 10 of 16
120
0
1k
4M
FREQUENCY (Hz)
10k
100k
1M
100
80
60
40
20
VDD = 5V
TA =25°C
TIME (1µs/DIV)
1.5
–2.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
VDD =±2.5V
RL = 10kΩ
CL = 10pF
AV = +1
Figure 34. Large-Signal Transient Response
Figure 31. Common-Mode Rejection Ratio vs. Frequency
100
0
1k
4M
FREQUENCY (Hz)
10k
100k
1M
80
60
40
20
VDD = 5V
TA = 25°C
PSRR–
PSRR+
70
0
1
1000
LOAD CAPACITANCE (pF)
10
100
60
50
40
30
20
10
VDD =5V
VIN = 100mV p-p
–OS
+OS
Figure 32. Power Supply Rejection Ratio vs. Frequency
Figure 35. Small-Signal Overshoot vs. Load Capacitance
TIME (0.4µs/DIV)
VDD = 5V
RL = 100kΩ
CL = 10pF
AV = +1
TIME (4µs/DIV)
2.5V
0V
0V
–100mV
VDD =±2.5V
AV = –100
VOUT
VIN
Figure 36. Positive Overload Recovery Time
Figure 33. Small-Signal Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com