Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4256-2CS8 Datasheet(PDF) 2 Page - Linear Technology

Part # LT4256-2CS8
Description  Positive High Voltage Hot Swap Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4256-2CS8 Datasheet(HTML) 2 Page - Linear Technology

  LT4256-2CS8 Datasheet HTML 1Page - Linear Technology LT4256-2CS8 Datasheet HTML 2Page - Linear Technology LT4256-2CS8 Datasheet HTML 3Page - Linear Technology LT4256-2CS8 Datasheet HTML 4Page - Linear Technology LT4256-2CS8 Datasheet HTML 5Page - Linear Technology LT4256-2CS8 Datasheet HTML 6Page - Linear Technology LT4256-2CS8 Datasheet HTML 7Page - Linear Technology LT4256-2CS8 Datasheet HTML 8Page - Linear Technology LT4256-2CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT4256-1/LT4256-2
2
425612f
(Note 1)
Supply Voltage (VCC) ................................ – 0.3 to 100V
Input Voltage (SENSE, PWRGD) ............... – 0.3 to 100V
Input Voltage (GATE) (Note 2) ........ – 0.3V to VCC + 10V
Maximum Input Current (GATE) ......................... 200
µA
Input Voltage (FB, UV) ................................ – 0.3 to 44V
Input Voltage (TIMER) ............................. – 0.3V to 4.3V
Maximum Input Current (TIMER) ....................... 100
µA
Operating Temperature
LT4256C ................................................. 0
°C to 70°C
LT4256I ............................................. – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ABSOLUTE
AXI U
RATI GS
Consult LTC Marketing for parts specified with wider operating temperature ranges.
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
S8 PART MARKING
42561
42561I
42562
42562I
LT4256-1CS8
LT4256-1IS8
LT4256-2CS8
LT4256-2IS8
TJMAX = 125°C, θJA = 110°C/W
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 48V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Operating Voltage
q
10.8
80
V
ICC
Operating Current
1.8
3.9
mA
VUVLH
Undervoltage Threshold
VCC Low-to-High Transition
q
3.96
4
4.04
V
VUVHYS
Hysteresis
0.25
0.4
0.55
V
IINUV
UV Input Current
UV
≥ 1.2V
–0.1
–1
µA
UV = 0V
–1.5
–3
µA
VSENSETRIP
SENSE Pin Trip Voltage (VCC – VSENSE)
FB = 0V
q
5.5
14
22
mV
FB
≥ 2V
q
45
55
65
mV
IINSNS
SENSE Pin Input Current
VSENSE = VCC
40
70
µA
IPU
GATE Pull-Up Current
Charge Pump On,
∆VGATE = 7V
q
–16
– 30
– 55
µA
IPD
GATE Pull-Down Current
Any Fault, VGATE = 3V
40
62
80
mA
∆VGATE
External N-Channel Gate Drive (Note 2)
VGATE – VCC, 10.8V ≤ VCC ≤ 20V
q
4.5
8.8
12.5
V
20V
≤ VCC ≤ 80V
q
10
11.6
12.8
V
VFB
FB Voltage Threshold
FB High-to-Low Transition
q
3.95
3.99
4.03
V
FB Low-to-High Transition
q
4.2
4.45
4.65
V
VFBHYS
FB Hysteresis Voltage
0.3
0.45
0.6
V
VOLPGD
PWRGD Output Low Voltage
IO = 1.6mA
0.25
0.4
V
IO = 5mA
0.6
1
V
IPWRGD
PWRGD Pin Leakage Current
VPWRGD = 80V
0.1
1
µA
IINFB
FB Input Current
FB = 4.5V
–0.1
– 1
µA
ITIMERPU
TIMER Pull-Up Current
q
– 85
– 115
–145
µA
ITIMERPD
TIMER Pull-Down Current
q
1.5
3
5
µA
VTHTIMER
TIMER Shut-Down Threshold
CTIMER = 10nF
q
4.3
4.65
5
V
DTIMER
Duty Cycle (RETRY Mode)
q
1.5
3
4.5
%
1
2
3
4
8
7
6
5
TOP VIEW
VCC
SENSE
GATE
TIMER
UV
FB
PWRGD
GND
S8 PACKAGE
8-LEAD PLASTIC SO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com