Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4256-2CS8 Datasheet(PDF) 3 Page - Linear Technology

Part # LT4256-2CS8
Description  Positive High Voltage Hot Swap Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4256-2CS8 Datasheet(HTML) 3 Page - Linear Technology

  LT4256-2CS8 Datasheet HTML 1Page - Linear Technology LT4256-2CS8 Datasheet HTML 2Page - Linear Technology LT4256-2CS8 Datasheet HTML 3Page - Linear Technology LT4256-2CS8 Datasheet HTML 4Page - Linear Technology LT4256-2CS8 Datasheet HTML 5Page - Linear Technology LT4256-2CS8 Datasheet HTML 6Page - Linear Technology LT4256-2CS8 Datasheet HTML 7Page - Linear Technology LT4256-2CS8 Datasheet HTML 8Page - Linear Technology LT4256-2CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT4256-1/LT4256-2
3
425612f
tPHLUV
UV Low to GATE Low
1.7
3
µs
tPLHUV
UV High to GATE High
CGATE = 0
6
9
µs
tPHLFB
FB Low to PWRGD Low
0.8
2
µs
tPLHFB
FB High to PWRGD High
3.2
5
µs
tPHLSENSE
(VCC – VSENSE) High to GATE Low
VCC – VSENSE = 275mV
1
3
µs
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 48V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: An internal clamp limits the GATE pin to a minimum of 10V above
VCC. Driving this pin to a voltage beyond the clamp voltage may damage
the part.
TYPICAL PERFOR A CE CHARACTERISTICS
ICC vs Temperature
PWRGD Thresholds
vs Temperature
PWRGD Output Voltage
vs IPWRGD
ICC vs VCC
UV Thresholds vs Temperature
SENSE Pin Regulation Voltage
vs Temperature
TEMPERATURE (
°C)
–50
3.5
3.6
3.7
3.8
3.9
4.1
–25
025
50
4256 G01
75
100
4.0
H-L THRESHOLD
L-H THRESHOLD
TEMPERATURE (
°C)
10
15
20
48
58
4256 G02
53
FB = 0V
FB > 2V
–50
–25
0
255075
100
VCC (V)
10
2.0
2.5
3.5
40
60
4256 G03
1.5
1.0
20
30
50
70
80
0.5
0
3.0
TEMPERATURE (
°C)
0
0.5
1.0
1.5
2.5
4256 G04
2.0
VCC = 48V
–50
–25
0
255075
100
TEMPERATURE (
°C)
3.9
4.0
4.1
4.2
4.3
4.5
4256 G05
4.4
H-L THRESHOLD
L-H THRESHOLD
–50
–25
0
255075
100
IPWRGD (mA)
0
0
1
2
3
4
6
2
46
8
4256 G06
10
12
5
Specifications are at TA = 25°C unless
otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com