Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4410-6ACPZ-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4410-6ACPZ-R2
Description  Integrated Video Filter with Selectable Cutoff Frequencies for RGB, HD/SD Y, C, and CV
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4410-6ACPZ-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4410-6ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4410-6ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4410-6ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4410-6ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4410-6ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4410-6ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4410-6ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4410-6ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4410-6ACPZ-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADA4410-6
Rev. B | Page 8 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
8
24
25
32
16
9
17
PIN 1
INDICATOR
ADA4410-6
(Not to Scale)
Figure 3. 32-Lead LFCSP Pin Configuration, Top View
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
Pb1/B1_HD
Channel 1 Pb/B High Definition Input
2
GND
Signal Ground Reference
3
Pr1/R1_HD
Channel 1 Pr/R High Definition Input
4
F_SEL_A
Filter Cutoff Select Input A
5
F_SEL_B
Filter Cutoff Select Input B
6
Y2/G2_HD
Channel 2 Y/G High Definition Input
7
GND
Signal Ground Reference
8
Pb2/B2_HD
Channel 2 Pb/B High Definition Input
9
GND
Signal Ground Reference
10
Pr2/R2_HD
Channel 2 Pr/R High Definition Input
11
MUX_SD
Standard Definition Input Mux Select Line
12
Y1_SD
Channel 1 Y Standard Definition Input
13
Y2_SD
Channel 2 Y Standard Definition Input
14
C1_SD
Channel 1 C Standard Definition Input
15
C2_SD
Channel 2 C Standard Definition Input
16
VCC
Positive Power Supply
17
VEE
Negative Power Supply
18
CV_OUT
Composite Video Output
19
C_SD_OUT
C Standard Definition Output
20
Y_SD_OUT
Y Standard Definition Output
21
G_SEL
Gain Select
22
Pr/R_HD_OUT
Pr/R High Definition Output
23
Pb/B_HD_OUT
Pb/B High Definition Output
24
Y/G_HD_OUT
Y/G High Definition Output
25
VEE
Negative Power Supply
26
VCC
Positive Power Supply
27
DISABLE
Disable/Power Down/Logic Reference
28
LEVEL2
DC Level Adjust Pin 2
29
LEVEL1
DC Level Adjust Pin 1
30
MUX_HD
High Definition Input Mux Select Line
31
Y1/G1_HD
Channel 1 Y/G High Definition Input
32
GND
Signal Ground Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com