Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4410-6ACPZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4410-6ACPZ-R2
Description  Integrated Video Filter with Selectable Cutoff Frequencies for RGB, HD/SD Y, C, and CV
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4410-6ACPZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4410-6ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4410-6ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4410-6ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4410-6ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4410-6ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4410-6ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4410-6ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4410-6ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4410-6ACPZ-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADA4410-6
Rev. B | Page 11 of 16
–5
–75
–65
–55
–45
–35
–25
–15
0.1
1
100
10
FREQUENCY (MHz)
FC = 9MHz
FC = 18MHz
FC = 36MHz
–5
–75
–65
–55
–45
–35
–25
–15
0.1
1
100
10
FREQUENCY (MHz)
FC = 9MHz
FC = 18MHz
FC = 36MHz
Figure 16. Positive Supply PSRR vs. Frequency and Cutoff Frequency
Figure 19. Negative Supply PSRR vs. Frequency and Cutoff Frequency
3.5
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
200ns/DIV
FC = 9MHz
FC = 36MHz
FC = 18MHz
200ns/DIV
FC = 9MHz
FC = 36MHz
FC = 18MHz
G = 4
VO = 1.4V p-p
3.5
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
Figure 17. Transient Response vs. Cutoff Frequency (G = ×2)
Figure 20. Transient Response vs. Cutoff Frequency (G = ×4)
t = 0
50ns/DIV
ERROR = 2 × INPUT – OUTPUT (0.5%/DIV)
0.5% (65ns)
OUTPUT
2 × INPUT
1% (57ns)
3.5
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
6
5
4
3
2
1
0
–1
200ns/DIV
FC = 9MHz
2 × INPUT VOLTAGE
FC = 18MHz
FC = 36MHz
Figure 21. Overdrive Recovery vs. Cutoff Frequency
Figure 18. Settling Time
MINIMUM-LOSS MATCHING NETWORK LOSS CALIBRATED OUT
50Ω
118Ω
RL = 150Ω
50Ω
86.6Ω
50Ω
NETWORK
ANALYZER Tx
NETWORK
ANALYZER Rx
DUT
Figure 22. Basic Test Circuit for Swept Frequency Measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com