Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1063ASU Datasheet(PDF) 6 Page - Analog Devices

Part # ADM1063ASU
Description  Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1063ASU Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM1063ASU Datasheet HTML 2Page - Analog Devices ADM1063ASU Datasheet HTML 3Page - Analog Devices ADM1063ASU Datasheet HTML 4Page - Analog Devices ADM1063ASU Datasheet HTML 5Page - Analog Devices ADM1063ASU Datasheet HTML 6Page - Analog Devices ADM1063ASU Datasheet HTML 7Page - Analog Devices ADM1063ASU Datasheet HTML 8Page - Analog Devices ADM1063ASU Datasheet HTML 9Page - Analog Devices ADM1063ASU Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
ADM1063
Rev. 0 | Page 6 of 36
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Standard (Digital Output) Mode
(PDO1 to PDO10)
VOH
2.4
V
VPU (pull-up to VDDCAP or VPn) = 2.7 V, IOH = 0.5 mA
4.5
V
VPU to VPn = 6.0 V, IOH = 0 mA
VPU − 0.3
V
VPU ≤ 2.7 V, IOH = 0.5 mA
VOL
0
0.50
V
IOL = 20 mA
IOL3
20
mA
Maximum sink current per PDO pin
ISINK3
60
mA
Maximum total sink for all PDO pins
RPULL-UP
20
kΩ
Internal pull-up
ISOURCE (VPn)3
2
mA
Current load on any VPn pull-ups, that is, total
source current available through any number of
PDO pull-up switches configured onto any one
Three-State Output Leakage Current
10
µA
VPDO = 14.4 V
Oscillator Frequency
90
100
110
kHz
All on-chip time delays derived from this clock
DIGITAL INPUTS (VXn, A0, A1)
Input High Voltage, VIH
2.0
V
Maximum VIN = 5.5 V
Input Low Voltage, VIL
0.8
V
Maximum VIN = 5.5 V
Input High Current, IIH
−1
µA
VIN = 5.5 V
Input Low Current, IIL
1
µA
VIN = 0
Input Capacitance
5
pF
Programmable Pull-Down Current,
IPULL-DOWN
20
µA
VDDCAP = 4.75, TA = 25°C if known logic state is
required
SERIAL BUS DIGITAL INPUTS (SDA, SCL)
Input High Voltage, VIH
2.0
V
Input Low Voltage, VIL
0.8
V
Output Low Voltage, VOL3
0.4
V
IOUT = −3.0 mA
SERIAL BUS TIMING
Clock Frequency, fSCLK
400
kHz
Bus Free Time, tBUF
4.7
µs
Start Setup Time, tSU;STA
4.7
µs
Start Hold Time, tHD;STA
4
µs
SCL Low Time, tLOW
4.7
µs
SCL High Time, tHIGH
4
µs
SCL, SDA Rise Time, tr
1000
µs
SCL, SDA Fall Time, tf
300
µs
Data Setup Time, tSU;DAT
250
ns
Data Hold Time, tHD;DAT
5
ns
Input Low Current, IIL
1
µA
VIN = 0
SEQUENCING ENGINE TIMING
State Change Time
10
µs
1 At least one of the VH, VP1 to VP4 pins must be ≥3.0 V to maintain the device supply on VDDCAP.
2 All temperature sensor measurements are taken with round-robin loop enabled and at least one other voltage input being measured.
3 Specification is not production tested, but is supported by characterization data at initial product release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com